Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 100 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 100 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 96Page - Cirrus Logic WM8281ECS/R Datasheet HTML 97Page - Cirrus Logic WM8281ECS/R Datasheet HTML 98Page - Cirrus Logic WM8281ECS/R Datasheet HTML 99Page - Cirrus Logic WM8281ECS/R Datasheet HTML 100Page - Cirrus Logic WM8281ECS/R Datasheet HTML 101Page - Cirrus Logic WM8281ECS/R Datasheet HTML 102Page - Cirrus Logic WM8281ECS/R Datasheet HTML 103Page - Cirrus Logic WM8281ECS/R Datasheet HTML 104Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 392 page
background image
WM8281
100
Rev 4.0
PWM GENERATOR
The WM8281 incorporates two Pulse Width Modulation (PWM) signal generators as illustrated in
Figure 37. The duty cycle of each PWM signal can be modulated by an audio source, or can be set to
a fixed value using a control register setting.
A 4-input mixer is associated with each PWM generator. The 4 input sources are selectable in each
case, and independent volume control is provided for each path.
The PWM signal generators can be
output directly on a GPIO pin. See “General Purpose Input /
Output
” to configure a GPIO pin for this function.
Note that the PWM output should always be disabled whenever the system clock, SYSCLK, is
disabled. Failure to do this may result in a persistent logic ‘1’ DC output from the PWM generator. See
“Clocking and Sample Rates” for details of system clocking and the associated control requirements.
Note that the PWM signal generators cannot be selected as input to the digital mixers or signal
processing functions within the WM8281 digital core.
PWM1MIX_VOL2
PWM1MIX_VOL3
PWM1MIX_VOL4
+
PWM1MIX_VOL1
PWM1MIX_SRC1
PWM1MIX_SRC3
PWM1MIX_SRC4
PWM1MIX_SRC2
GPIO
(GPn = 08h)
PWM1
PWM1_ENA
PWM1_OVD
PWM1_LVL
PWM2MIX_VOL2
PWM2MIX_VOL3
PWM2MIX_VOL4
+
PWM2MIX_VOL1
PWM2MIX_SRC1
PWM2MIX_SRC3
PWM2MIX_SRC4
PWM2MIX_SRC2
GPIO
(GPn = 09h)
PWM2
PWM2_ENA
PWM2_OVD
PWM2_LVL
PWM_RATE
PWM_CLK_SEL
When PWMn_OVD = 0, the PWM duty cycle is controlled by the respective digital audio mixer.
When PWMn_OVD = 1, the PWM duty cycle is set by PWMn_LVL.
The PWM sample rate and clocking frequency are selected using PWM_RATE and PWM_CLK_SEL.
Figure 37 Digital Core Pulse Width Modulation (PWM) Generator
The PWM1 and PWM2 mixer control registers (see Figure 37) are located at register addresses
R1600 (640h) through to R1615 (64Fh).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600
through to R3000). Generic register definitions are provided in Table 8.
The *_SRCn registers select the input source(s) for the respective mixers. Note that the selected input
source(s) must be configured for the same sample rate as the mixer to which they are connected.
Sample rate conversion functions are available to support flexible interconnectivity - see
“Asynchronous Sample Rate Converter (ASRC)” and “Isochronous Sample Rate Converter (ISRC)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com