Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 102 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 102 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 98Page - Cirrus Logic WM8281ECS/R Datasheet HTML 99Page - Cirrus Logic WM8281ECS/R Datasheet HTML 100Page - Cirrus Logic WM8281ECS/R Datasheet HTML 101Page - Cirrus Logic WM8281ECS/R Datasheet HTML 102Page - Cirrus Logic WM8281ECS/R Datasheet HTML 103Page - Cirrus Logic WM8281ECS/R Datasheet HTML 104Page - Cirrus Logic WM8281ECS/R Datasheet HTML 105Page - Cirrus Logic WM8281ECS/R Datasheet HTML 106Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 392 page
background image
WM8281
102
Rev 4.0
The WM8281 performs automatic checks to confirm that the SYSCLK frequency is high enough to
support the digital mixer paths. If an attempt is made to enable a PWM signal mixer path, and there
are insufficient SYSCLK cycles to support it, then the attempt will be unsuccessful. (Note that any
signal paths that are already active will not be affected under these circumstances.)
The Underclocked Error condition can be monitored using the GPIO and/or Interrupt functions. See
“General Purpose Input / Output” and “Interrupts” for further details.
The status bits in Registers R1600 to R3000 indicate the status of each of the digital mixers. If an
Underclocked Error condition occurs, then these bits provide readback of which mixer(s) have been
successfully enabled.
SAMPLE RATE CONTROL
The WM8281 supports multiple signal paths through the digital core. Stereo full-duplex sample rate
conversion is provided to allow digital audio to be routed between interfaces operating at different
sample rates and/or referenced to asynchronous clock domains.
Two independent clock domains are supported, referenced to SYSCLK and ASYNCCLK respectively,
as described in “Clocking and Sample Rates”. Every digital signal path must be synchronised either to
SYSCLK or to ASYNCCLK.
Up to five different sample rates may be in use at any time on the WM8281. Three of these sample
rates must be synchronised to SYSCLK; the remaining two, where required, must be synchronised to
ASYNCCLK.
Sample rate conversion is required when routing any audio path between digital functions that are
asynchronous and/or configured for different sample rates.
The Asynchronous Sample Rate Converter (ASRC) provides two stereo signal paths between the
SYSCLK and ASYNCCLK domains. The ASRC is described later, and is illustrated in Figure 40.
There are three Isochronous Sample Rate Converters (ISRCs). These provide four signal paths each
between sample rates on the SYSCLK domain, or between sample rates on the ASYNCCLK domain.
The ISRCs are described later, and are illustrated in Figure 41.
The sample rate of different blocks within the WM8281 digital core are controlled as illustrated in
Figure 38 and Figure 39 - the *_RATE registers select the applicable sample rate for each respective
group of digital functions.
The *_RATE registers should not be changed if any of the *_SRCn registers associated with the
respective functions is non-zero. The associated *_SRCn registers should be cleared to 00h before
writing new values to the *_RATE registers. A minimum delay of 125µs should be allowed between
clearing the *_SRCn registers and writing to the associated *_RATE registers. See Table 23 for
further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com