Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 104 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 104 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 100Page - Cirrus Logic WM8281ECS/R Datasheet HTML 101Page - Cirrus Logic WM8281ECS/R Datasheet HTML 102Page - Cirrus Logic WM8281ECS/R Datasheet HTML 103Page - Cirrus Logic WM8281ECS/R Datasheet HTML 104Page - Cirrus Logic WM8281ECS/R Datasheet HTML 105Page - Cirrus Logic WM8281ECS/R Datasheet HTML 106Page - Cirrus Logic WM8281ECS/R Datasheet HTML 107Page - Cirrus Logic WM8281ECS/R Datasheet HTML 108Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 392 page
background image
WM8281
104
Rev 4.0
+
OUT6R output
+
OUT6L output
+
OUT5R output
+
OUT5L output
+
OUT4R output
+
OUT4L output
+
OUT3R output
+
OUT3L output
+
OUT2R output
+
OUT2L output
+
OUT1R output
+
OUT1L output
+
AIF1 TX8 output
+
AIF1 TX7 output
+
AIF1 TX6 output
+
AIF1 TX5 output
+
AIF1 TX4 output
+
AIF1 TX3 output
+
AIF1 TX2 output
+
AIF1 TX1 output
AIF1 RX3 (22h)
AIF1 RX4 (23h)
AIF1 RX5 (24h)
AIF1 RX6 (25h)
AIF1 RX7 (26h)
AIF1 RX8 (27h)
AIF1 RX1 (20h)
AIF1 RX2 (21h)
+
SLIMbus TX8 output
+
SLIMbus TX7 output
+
SLIMbus TX6 output
+
SLIMbus TX5 output
+
SLIMbus TX4 output
+
SLIMbus TX3 output
+
SLIMbus TX2 output
+
SLIMbus TX1 output
SLIMbus RX3 (3Ah)
SLIMbus RX4 (3Bh)
SLIMbus RX5 (3Ch)
SLIMbus RX6 (3Dh)
SLIMbus RX7 (3Eh)
SLIMbus RX8 (3Fh)
SLIMbus RX1 (38h)
SLIMbus RX2 (39h)
AIF1_RATE
AIF3_RATE
AIF2_RATE
OUT_RATE
SLIMTX1_RATE
SLIMTX2_RATE
SLIMTX3_RATE
SLIMTX4_RATE
SLIMTX5_RATE
SLIMTX6_RATE
SLIMTX7_RATE
SLIMTX8_RATE
SLIMRX1_RATE
SLIMRX2_RATE
SLIMRX3_RATE
SLIMRX4_RATE
SLIMRX5_RATE
SLIMRX6_RATE
SLIMRX7_RATE
SLIMRX8_RATE
+
AIF3 TX2 output
+
AIF3 TX1 output
AIF3 RX1 (30h)
AIF3 RX2 (31h)
+
AIF2 TX6 output
+
AIF2 TX5 output
+
AIF2 TX4 output
+
AIF2 TX3 output
+
AIF2 TX2 output
+
AIF2 TX1 output
AIF2 RX3 (2Ch)
AIF2 RX4 (2Dh)
AIF2 RX5 (2Eh)
AIF2 RX6 (2Fh)
AIF2 RX1 (2Ah)
AIF2 RX2 (2Bh)
Figure 39 Digital Core Sample Rate Control (External Digital Interfaces)
The input signal paths may be selected as input to the digital mixers or signal processing functions.
The sample rate for the input signal paths is configured using the IN_RATE register.
The output signal paths are derived from the respective output mixers. The sample rate for the output
signal paths is configured using the OUT_RATE register. The sample rate of the AEC Loopback path
is also set by the OUT_RATE register.
The AIFn RX inputs may be selected as input to the digital mixers or signal processing functions. The
AIFn TX outputs are derived from the respective output mixers. The sample rates for digital audio
interfaces (AIF1, AIF2 and AIF3) are configured using the AIF1_RATE, AIF2_RATE and AIF3_RATE
registers respectively.
The SLIMbus interface supports up to 8 input channels and 8 output channels. The sample rate of
each channel can be configured independently, using the SLIMTXn_RATE and SLIMRXn_RATE
registers.
Note that the SLIMbus interface provides simultaneous support for SYSCLK-referenced and
ASYNCCLK-referenced sample rates on different channels. For example, 48kHz and 44.1kHz
SLIMbus audio paths can be simultaneously supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com