Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 96 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 96 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 92Page - Cirrus Logic WM8281ECS/R Datasheet HTML 93Page - Cirrus Logic WM8281ECS/R Datasheet HTML 94Page - Cirrus Logic WM8281ECS/R Datasheet HTML 95Page - Cirrus Logic WM8281ECS/R Datasheet HTML 96Page - Cirrus Logic WM8281ECS/R Datasheet HTML 97Page - Cirrus Logic WM8281ECS/R Datasheet HTML 98Page - Cirrus Logic WM8281ECS/R Datasheet HTML 99Page - Cirrus Logic WM8281ECS/R Datasheet HTML 100Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 392 page
background image
WM8281
96
Rev 4.0
NOISE GENERATOR
The WM8281 incorporates a white noise generator, which can be routed within the digital core. The
main purpose of the noise generator is to provide ‘comfort noise’ in cases where silence (digital mute)
is not desirable.
Noise Generator (0Dh)
White Noise
Generator
NOISE_GEN_ENA
NOISE_GEN_GAIN
NOISE_GEN_RATE
Figure 35 Digital Core Noise Generator
The noise generator can be selected as input to any of the digital mixers or signal processing
functions within the WM8281 digital core. The bracketed number (0Dh) in Figure 35 indicates the
corresponding *_SRCn register setting for selection of the noise generator as an input to another
digital core function.
The sample rate for the noise generator is configured using the NOISE_GEN_RATE register - see
Table 23. Note that sample rate conversion is required when routing the noise generator output to any
signal chain that is asynchronous and/or configured for a different sample rate.
The noise generator is enabled using the NOISE_GEN_ENA register bit as described in Table 20.
The signal level is configured using NOISE_GEN_GAIN.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R112
(0070h)
Comfort
Noise
Generator
5
NOISE_GEN_EN
A
0
Noise Generator Enable
0 = Disabled
1 = Enabled
4:0
NOISE_GEN_GA
IN [4:0]
00h
Noise Generator Signal Level
00h = -114dBFS
01h = -108dBFS
02h = -102dBFS
…(6dB steps)
11h = -6dBFS
12h = 0dBFS
All other codes are Reserved
Table 20 Noise Generator Control
HAPTIC SIGNAL GENERATOR
The WM8281 incorporates a signal generator for use with haptic devices (eg. mechanical vibration
actuators). The haptic signal generator is compatible with both Eccentric Rotating Mass (ERM) and
Linear Resonant Actuator (LRA) haptic devices.
The haptic signal generator is highly configurable, and includes the capability to execute a
programmable event profile comprising three distinct operating phases.
The resonant frequency of the haptic signal output (for LRA devices) is selectable, providing support
for many different actuator components.
The haptic signal generator is a digital signal generator which is incorporated within the digital core of
the WM8281. The haptic signal may be routed, via one of the digital core output mixers, to a Class D
speaker output for connection to the external haptic device, as illustrated in Figure 36. (Note that the
digital PDM output paths may also be used for haptic signal output.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com