Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 73 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 73 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 69Page - Cirrus Logic WM8281ECS/R Datasheet HTML 70Page - Cirrus Logic WM8281ECS/R Datasheet HTML 71Page - Cirrus Logic WM8281ECS/R Datasheet HTML 72Page - Cirrus Logic WM8281ECS/R Datasheet HTML 73Page - Cirrus Logic WM8281ECS/R Datasheet HTML 74Page - Cirrus Logic WM8281ECS/R Datasheet HTML 75Page - Cirrus Logic WM8281ECS/R Datasheet HTML 76Page - Cirrus Logic WM8281ECS/R Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 392 page
background image
WM8281
Rev 4.0
73
The EQ1, EQ2, EQ3 and EQ4 mixer control registers (see Figure 29) are located at register
addresses R2176 (880h) through to R2207 (89Fh).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600
through to R3000). Generic register definitions are provided in Table 8.
The *_SRCn registers select the input source(s) for the respective EQ processing blocks. Note that
the selected input source(s) must be configured for the same sample rate as the EQ to which they are
connected. Sample rate conversion functions are available to support flexible interconnectivity - see
“Asynchronous Sample Rate Converter (ASRC)” and “Isochronous Sample Rate Converter (ISRC)”.
The bracketed numbers in Figure 29
, eg. “(50h)” indicate the corresponding *_SRCn register setting
for selection of that signal as an input to another digital core function.
The sample rate for the EQ function is configured using the FX_RATE register - see Table 23. Note
that the EQ, DRC and LHPF functions must all be configured for the same sample rate.
The EQ function supports audio sample rates in the range 8kHz to 192kHz. When the DRC is
enabled, the maximum sample rate for the EQ, DRC and LHPF functions is 96kHz.
Sample rate conversion is required when routing the EQ signal paths to any signal chain that is
asynchronous and/or configured for a different sample rate.
The control registers associated with the EQ functions are described in Table 11.
The cut-off or centre frequencies for the 5-band EQ are set using the coefficients held in the registers
identified in Table 10. These coefficients are derived using tools provided in Cirrus Logic
’s WISCE™
evaluation board control software; please contact your local Cirrus Logic representative for more
details.
EQ
REGISTER ADDRESSES
EQ1
R3602 (0E10h) to R3620 (0E24h)
EQ2
R3624 (0E28h) to R3642 (0E3Ah)
EQ3
R3646 (0E3Eh) to R3664 (0E53h)
EQ4
R3668 (0E54h) to R3686 (0E66h)
Table 10 EQ Coefficient Registers
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3585
(0E01h)
FX_Ctrl2
15:4
FX_STS [11:0]
00h
LHPF, DRC, EQ Enable Status
Indicates the status of each of the
respective signal processing functions.
[11] = EQ4
[10] = EQ3
[9] = EQ2
[8] = EQ1
[7] = DRC2 (Right)
[6] = DRC2 (Left)
[5] = DRC1 (Right)
[4] = DRC1 (Left)
[3] = LHPF4
[2] = LHPF3
[1] = LHPF2
[0] = LHPF1
Each bit is coded as:
0 = Disabled
1 = Enabled
R3600
(0E10h)
EQ1_1
15:11
EQ1_B1_GAIN
[4:0]
01100
EQ1 Band 1 Gain
-12dB to +12dB in 1dB steps
(see Table 12 for gain range)
10:6
EQ1_B2_GAIN
[4:0]
01100
EQ1 Band 2 Gain
-12dB to +12dB in 1dB steps
(see Table 12 for gain range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com