Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 22 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 22 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 18Page - Cirrus Logic WM8281ECS/R Datasheet HTML 19Page - Cirrus Logic WM8281ECS/R Datasheet HTML 20Page - Cirrus Logic WM8281ECS/R Datasheet HTML 21Page - Cirrus Logic WM8281ECS/R Datasheet HTML 22Page - Cirrus Logic WM8281ECS/R Datasheet HTML 23Page - Cirrus Logic WM8281ECS/R Datasheet HTML 24Page - Cirrus Logic WM8281ECS/R Datasheet HTML 25Page - Cirrus Logic WM8281ECS/R Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 392 page
background image
WM8281
22
Rev 4.0
Test Conditions
The following electrical characteristics are valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Input / Output (except DMICDATn and DMICCLKn)
Digital I/O is referenced to DBVDD1, DBVDD2 or DBVDD3.
See “Pin Description” for the domain applicable to each pin.
Input HIGH Level
VIH
VDBVDDn = 1.8V ±10%
0.75
VDBVDDn
V
VDBVDDn = 2.5V ±10%
0.8
VDBVDDn
VDBVDDn = 3.3V ±10%
0.7
VDBVDDn
Input LOW Level
VIL
VDBVDDn = 1.8V ±10%
0.3
VDBVDDn
V
VDBVDDn = 2.5V ±10%
0.25
VDBVDDn
VDBVDDn = 3.3V ±10%
0.2
VDBVDDn
Note that digital input pins should not be left unconnected or floating.
Output HIGH Level
(IOH = 1mA)
VOH
VDBVDDn = 1.8V ±10%
0.75
VDBVDDn
V
VDBVDDn = 2.5V ±10%
0.65
VDBVDDn
VDBVDDn = 3.3V ±10%
0.7
VDBVDDn
Output LOW Level
(IOL = 1mA)
VOL
VDBVDDn = 1.8V ±10%
0.25
VDBVDDn
V
VDBVDDn = 2.5V ±10%
0.3
VDBVDDn
VDBVDDn = 3.3V ±10%
0.15
VDBVDDn
Input capacitance
5
pF
Input leakage
-10
10
µA
Pull-up / pull-down resistance
(where applicable)
36
50
k
Ω
Digital Microphone Input / Output (DMICDATn and DMICCLKn)
DMICDATn and DMICCLKn are each referenced to a selectable supply, VSUP, according to the INn_DMIC_SUP registers
DMICDATn input HIGH Level
VIH
0.65
 V
SUP
V
DMICDATn input LOW Level
VIL
0.35
 V
SUP
V
DMICCLKn output HIGH Level
VOH
IOH = 1mA
0.8
 V
SUP
V
DMICCLKn output LOW Level
VOL
IOL = -1mA
0.2
 V
SUP
V
Input capacitance
25
pF
Input leakage
-1
1
µA
General Purpose Input / Output (GPIOn)
Clock output frequency
GPIO pin configured as
OPCLK or FLL output
50
MHz
General Purpose Switch
The GPSWA pin should be positive-biased with respect to GPSWB. The GPSWB pin voltage must not exceed GPSWA + 0.3V.
Switch resistance
RDS(ON)
Switch closed, I=1mA
40
Ω
Switch resistance
RDS(OFF)
Switch open
100
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com