Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 97 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 97 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 93Page - Cirrus Logic WM8281ECS/R Datasheet HTML 94Page - Cirrus Logic WM8281ECS/R Datasheet HTML 95Page - Cirrus Logic WM8281ECS/R Datasheet HTML 96Page - Cirrus Logic WM8281ECS/R Datasheet HTML 97Page - Cirrus Logic WM8281ECS/R Datasheet HTML 98Page - Cirrus Logic WM8281ECS/R Datasheet HTML 99Page - Cirrus Logic WM8281ECS/R Datasheet HTML 100Page - Cirrus Logic WM8281ECS/R Datasheet HTML 101Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 392 page
background image
WM8281
Rev 4.0
97
Haptic Output (06h)
Haptic Signal
Generator
HAP_ACT
HAP_CTRL
ONESHOT_TRIG
LRA_FREQ
HAP_RATE
+
Digital Core Output Mixer
DAC
Output Volume
Class D Speaker Driver
DAC
OUTnxMIX_SRCn
OUTnxMIX_VOLn
Haptic Device
Figure 36 Digital Core Haptic Signal Generator
The bracketed number (06h) in Figure 36 indicates the corresponding *_SRCn register setting for
selection of the haptic signal generator as an input to another digital core function.
The haptic signal generator is selected as input to one of the digital core output mixers by setting the
*_SRCn register of the applicable output mixer to (06h).
The sample rate for the haptic signal generator is configured using the HAP_RATE register - see
Table 23. Note that sample rate conversion is required when routing the haptic signal generator
output to any signal chain that is asynchronous and/or configured for a different sample rate.
The haptic signal generator is configured for an ERM or LRA actuator using the HAP_ACT register bit.
The required resonant frequency is configured using the LRA_FREQ field. (Note that the resonant
frequency is only applicable to LRA actuators.)
The signal generator can be enabled in Continuous mode or configured for One-Shot mode using the
HAP_CTRL register, as described in Table 21. In One-Shot mode, the output is triggered by writing to
the ONESHOT_TRIG bit.
In One-Shot mode, the signal generator profile comprises the distinct phases (1, 2, 3). The duration
and intensity of each output phase is programmable.
In Continuous mode, the signal intensity is controlled using the PHASE2_INTENSITY field only.
In the case of an ERM actuator (HAP_ACT = 0), the haptic output is a DC signal level, which may be
positive or negative, as selected by the *_INTENSITY registers.
For an LRA actuator (HAP_ACT = 1), the haptic output is an AC signal; selecting a negative signal
level corresponds to a 180 degree phase inversion. In some applications, phase inversion may be
desirable during the final phase, to halt the physical motion of the haptic device.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R144
(0090h)
Haptics
Control 1
4
ONESHOT_TRIG
0
Haptic One-Shot Trigger
Writing ‘1’ starts the one-shot profile (ie.
Phase 1, Phase 2, Phase 3)
3:2
HAP_CTRL [1:0]
00
Haptic Signal Generator Control
00 = Disabled
01 = Continuous
10 = One-Shot
11 = Reserved
1
HAP_ACT
0
Haptic Actuator Select
0 = Eccentric Rotating Mass (ERM)
1 = Linear Resonant Actuator (LRA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com