Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 48 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 48 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 44Page - Cirrus Logic WM8281ECS/R Datasheet HTML 45Page - Cirrus Logic WM8281ECS/R Datasheet HTML 46Page - Cirrus Logic WM8281ECS/R Datasheet HTML 47Page - Cirrus Logic WM8281ECS/R Datasheet HTML 48Page - Cirrus Logic WM8281ECS/R Datasheet HTML 49Page - Cirrus Logic WM8281ECS/R Datasheet HTML 50Page - Cirrus Logic WM8281ECS/R Datasheet HTML 51Page - Cirrus Logic WM8281ECS/R Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 392 page
background image
WM8281
48
Rev 4.0
ANALOGUE LINE INPUT
Line inputs can be connected to the WM8281 in a similar manner to the microphone inputs described
above. Single-ended and differential modes are supported on each of the six analogue input paths.
The applicable mode (single-ended or differential) is selected using the INn_MODE registers, as
described later. Note that the mode is configurable for each stereo pair of inputs; the Left and Right
channels of any pair of inputs are always in the same mode.
The analogue line input configurations are illustrated in Figure 18 and Figure 19. Note that the
microphone bias (MICBIAS) is not used for line input connections.
GND
Line
To ADC
PGA
VMID
IN1xN,
IN2xN,
IN3xN
IN1xP,
IN2xP,
IN3xP
To ADC
PGA
VMID
IN1xN,
IN2xN,
IN3xN
IN1xP,
IN2xP,
IN3xP
Line
Figure 18 Single-Ended Line Input
Figure 19 Differential Line Input
DIGITAL MICROPHONE INPUT
Up to eight digital microphones can be connected to the WM8281. The digital microphone mode is
selected using the INn_MODE registers, as described later. Note that the mode is configurable for
each stereo pair of inputs; the Left and Right channels of any pair of inputs are always in the same
mode.
In digital microphone mode, two channels of audio data are multiplexed on the DMICDAT1,
DMICDAT2, DMICDAT3 or DMICDAT4 pins. Each of these stereo interfaces is clocked using the
respective DMICCLK1, DMICCLK2, DMICCLK3 or DMICCLK4 pin.
When digital microphone input is enabled, the WM8281 outputs a clock signal on the applicable
DMICCLKn pin(s). The DMICCLKn frequency is controlled by the respective INn_OSR register, as
described in Table 1. See Table 3 for details of the INn_OSR registers.
Note that, if the 768kHz DMICCLKn frequency is selected for one or more of the digital microphone
input paths, then the Input Path sample rate (all input paths) is valid in the range 8kHz to 16kHz only.
Note that the DMICCLKn frequencies noted in Table 1 assume that the SYSCLK frequency is a
multiple of 6.144MHz (SYSCLK_FRAC=0). If the SYSCLK frequency is a multiple of 5.6448MHz
(SYSCLK_FRAC=1), then the DMICCLKn frequencies will be scaled accordingly.
CONDITION
DMICCLK
n FREQUENCY
SIGNAL PASSBAND
INn_OSR = 00
1.536MHz
up to 20kHz
INn_OSR = 01
3.072MHz
up to 20kHz
INn_OSR = 10
6.144MHz
up to 96kHz
INn_OSR = 11
768kHz
up to 8kHz
Table 1 DMICCLK Frequency
The voltage reference for each digital microphone interface is selectable, using the INn_DMIC_SUP
registers. Each interface may be referenced to MICVDD, or to the MICBIAS1, MICBIAS2 or
MICBIAS3 levels.
A pair of digital microphones is connected as illustrated in Figure 20. The microphones must be
configured to ensure that the Left mic transmits a data bit when DMICCLK is high, and the Right mic
transmits a data bit when DMICCLK is low. The WM8281 samples the digital microphone data at the
end of each DMICCLK phase. Each microphone must tri-state its data output when the other
microphone is transmitting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com