Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 43 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 43 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 39Page - Cirrus Logic WM8281ECS/R Datasheet HTML 40Page - Cirrus Logic WM8281ECS/R Datasheet HTML 41Page - Cirrus Logic WM8281ECS/R Datasheet HTML 42Page - Cirrus Logic WM8281ECS/R Datasheet HTML 43Page - Cirrus Logic WM8281ECS/R Datasheet HTML 44Page - Cirrus Logic WM8281ECS/R Datasheet HTML 45Page - Cirrus Logic WM8281ECS/R Datasheet HTML 46Page - Cirrus Logic WM8281ECS/R Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 392 page
background image
WM8281
Rev 4.0
43
DEVICE DESCRIPTION
INTRODUCTION
The WM8281 is a highly integrated low-power audio hub CODEC for mobile telephony and portable
devices. It provides flexible, high-performance audio interfacing for handheld devices in a small and
cost-effective package. It provides exceptional levels of performance and signal processing capability,
suitable for a wide variety of mobile and handheld devices.
The WM8281 digital core incorporates the Cirrus Logic Ambient Noise Cancellation (ANC), and
provides an extensive capability for programmable signal processing algorithms, including receive
(RX) path noise cancellation, transmit (TX) path noise reduction, and Acoustic Echo Cancellation
(AEC) algorithms.
The WM8281 digital core supports audio enhancements such as Dynamic Range Control (DRC),
Multi-band Compression (MBC), and Virtual Surround Sound (VSS). Highly flexible digital mixing,
including stereo full-duplex asynchronous sample rate conversion, provides use-case flexibility across
a broad range of system architectures. A signal generator for controlling haptics vibe actuators is
included.
The WM8281 provides multiple digital audio interfaces, including SLIMbus, in order to provide
independent and fully asynchronous connections to different processors (eg. application processor,
baseband processor and wireless transceiver).
A flexible clocking arrangement supports a wide variety of external clock references, including
clocking derived from the digital audio interface. Two integrated Frequency Locked Loop (FLL) circuits
provide additional flexibility.
Unused circuitry can be disabled under software control, in order to save power; low leakage currents
enable extended standby/off time in portable battery-powered applications.
Configurable ‘Wake-Up’
actions can be associated with the low-power standby (Sleep) mode.
Versatile GPIO functionality is provided, and support for external accessory / push-button detection
inputs. Comprehensive Interrupt (IRQ) logic and status readback are also provided.
HI-FI AUDIO CODEC
The WM8281 is a high-performance low-power audio CODEC which uses a simple analogue
architecture. 6 ADCs and 8 DACs are incorporated, providing a dedicated ADC for each analogue
input and a dedicated DAC for each output channel.
The analogue outputs comprise three 30mW (114dB SNR) stereo headphone amplifiers with ground-
referenced output, and a Class D stereo speaker driver capable of delivering 2W per channel into a
4
Ω load. Six analogue inputs are provided, each supporting single-ended or differential input modes.
In differential mode, the input path SNR is 106dB (16kHz sample rate, ie. wideband voice mode). The
ADC input paths can be bypassed, supporting up to 8 channels of digital microphone input.
The audio CODEC is controlled directly via register access. The simple analogue architecture,
combined with the integrated tone generator, enables simple device configuration and testing,
minimising debug time and reducing software effort.
The WM8281 output drivers are designed to support as many different system architectures as
possible. Each output has a dedicated DAC which allows mixing, equalisation, filtering, gain and other
audio processing to be configured independently for each channel. This allows each signal path to be
individually tailored for the load characteristics. All outputs have integrated pop and click suppression
features.
The headphone output drivers are ground-referenced, powered from an integrated charge pump,
enabling high quality, power efficient headphone playback without any requirement for DC blocking
capacitors. Ground loop feedback is incorporated, providing rejection of noise on the ground
connections. A mono mode is available on the headphone outputs; this configures the drivers as
differential (BTL) outputs, suitable for an earpiece or hearing aid coil.
The Class D speaker drivers deliver excellent power efficiency. High PSRR, low leakage and
optimised supply voltage ranges enable powering from switching regulators or directly from the
battery. Battery current consumption is minimised across a wide variety of voice communication and
multimedia playback use cases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com