Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 55 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 55 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 51Page - Cirrus Logic WM8281ECS/R Datasheet HTML 52Page - Cirrus Logic WM8281ECS/R Datasheet HTML 53Page - Cirrus Logic WM8281ECS/R Datasheet HTML 54Page - Cirrus Logic WM8281ECS/R Datasheet HTML 55Page - Cirrus Logic WM8281ECS/R Datasheet HTML 56Page - Cirrus Logic WM8281ECS/R Datasheet HTML 57Page - Cirrus Logic WM8281ECS/R Datasheet HTML 58Page - Cirrus Logic WM8281ECS/R Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 392 page
background image
WM8281
Rev 4.0
55
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R802
(0322h)
DMIC3L
Control
5:0
IN3L_DMIC_DLY
[5:0]
00h
Input Path 3 (Left) Digital Delay
(Applicable to digital input only)
LSB = 1 sample, Range is 0 to 63.
(Sample rate is controlled by IN3_OSR.)
R804
(0324h)
IN3R
Control
15
IN3R_HPF
0
Input Path 3 (Right) HPF Enable
0 = Disabled
1 = Enabled
7:1
IN3R_PGA_VOL
[6:0]
40h
Input Path 3 (Right) PGA Volume
(Applicable to analogue inputs only)
00h to 3Fh = Reserved
40h = 0dB
41h = 1dB
42h = 2dB
… (1dB steps)
5F = 31dB
60h to 7Fh = Reserved
R806
(0326h)
DMIC3R
Control
5:0
IN3R_DMIC_DLY
[5:0]
00h
Input Path 3 (Right) Digital Delay
(Applicable to digital input only)
LSB = 1 sample, Range is 0 to 63.
(Sample rate is controlled by IN3_OSR.)
R808
(0328h)
IN4L
Control
15
IN4L_HPF
0
Input Path 4 (Left) HPF Enable
0 = Disabled
1 = Enabled
14:13
IN4_OSR [1:0]
01
Input Path 4 DMIC Oversample Rate
Controls the DMIC4 sample rate as below:
00 = 1.536MHz
01 = 3.072MHz
10 = 6.144MHz
11 = 768kHz
When IN4_OSR=11, the Input Path
sample rate (for all input paths) must be in
the range 8kHz to 16kHz.
If Input Path 4 DMIC is selected as a
source for the Rx ANC function, the
DMICCLK4 frequency will be set to
3.072MHz.
12:11
IN4_DMIC_SUP
[1:0]
00
Input Path 4 DMIC Reference Select
(Sets the DMICDAT4 and DMICCLK4
logic levels)
00 = MICVDD
01 = MICBIAS1
10 = MICBIAS2
11 = MICBIAS3
R810
(032Ah)
DMIC4L
Control
5:0
IN4L_DMIC_DLY
[5:0]
00h
Input Path 4 (Left) Digital Delay
(Applicable to digital input only)
LSB = 1 sample, Range is 0 to 63.
(Sample rate is controlled by IN4_OSR.)
R812
(032Ch)
IN4R
Control
15
IN4R_HPF
0
Input Path 4 (Right) HPF Enable
0 = Disabled
1 = Enabled
R814
(032Eh)
DMIC4R
Control
5:0
IN4R_DMIC_DLY
[5:0]
00h
Input Path 4 (Right) Digital Delay
(Applicable to digital input only)
LSB = 1 sample, Range is 0 to 63.
(Sample rate is controlled by IN4_OSR.)
Table 3 Input Signal Path Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com