Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 41 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 41 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 37Page - Cirrus Logic WM8281ECS/R Datasheet HTML 38Page - Cirrus Logic WM8281ECS/R Datasheet HTML 39Page - Cirrus Logic WM8281ECS/R Datasheet HTML 40Page - Cirrus Logic WM8281ECS/R Datasheet HTML 41Page - Cirrus Logic WM8281ECS/R Datasheet HTML 42Page - Cirrus Logic WM8281ECS/R Datasheet HTML 43Page - Cirrus Logic WM8281ECS/R Datasheet HTML 44Page - Cirrus Logic WM8281ECS/R Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 392 page
background image
WM8281
Rev 4.0
41
Test Conditions
The following timing information is valid across the full range of recommended operating conditions, unless otherwise noted.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SLIMDAT Output
SLIMDAT time for data
output valid (wrt SLIMCLK
rising edge)
CLOAD = 15pF,
SLIMDAT_DRV_STR=0,
DBVDD1=1.62V
TDV
4.7
8.1
ns
CLOAD = 15pF,
SLIMDAT_DRV_STR=1,
DBVDD1=1.62V
4.3
7.3
CLOAD = 30pF,
SLIMDAT_DRV_STR=0,
DBVDD1=1.62V
6.8
11.8
CLOAD = 30pF,
SLIMDAT_DRV_STR=1,
DBVDD1=1.62V
5.8
10.0
CLOAD = 50pF,
SLIMDAT_DRV_STR=0,
DBVDD1=1.62V
9.6
16.6
CLOAD = 50pF,
SLIMDAT_DRV_STR=1,
DBVDD1=1.62V
7.9
13.7
CLOAD = 70pF,
SLIMDAT_DRV_STR=0,
DBVDD1=1.62V
12.4
21.5
CLOAD = 70pF,
SLIMDAT_DRV_STR=1,
DBVDD1=1.62V
10.0
17.4
SLIMDAT slew rate
(20% to 80%)
CLOAD = 15pF,
SLIMDAT_DRV_STR=0
SRDATA
0.64 x
VDBVDD1
V/ns
CLOAD = 30pF,
SLIMDAT_DRV_STR=0
0.35 x
VDBVDD1
CLOAD = 30pF,
SLIMDAT_DRV_STR=1
0.46 x
VDBVDD1
CLOAD = 70pF,
SLIMDAT_DRV_STR=0
0.16 x
VDBVDD1
CLOAD = 70pF,
SLIMCLK_DRV_STR=1
0.21 x
VDBVDD1
Other Parameters
Driver disable time
TDD
6
ns
Bus holder output impedance
0.1 x VDBVDD1 < V <
0.9 x VDBVDD1
RDATAS
18
50
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com