Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 17 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 17 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 13Page - Cirrus Logic WM8281ECS/R Datasheet HTML 14Page - Cirrus Logic WM8281ECS/R Datasheet HTML 15Page - Cirrus Logic WM8281ECS/R Datasheet HTML 16Page - Cirrus Logic WM8281ECS/R Datasheet HTML 17Page - Cirrus Logic WM8281ECS/R Datasheet HTML 18Page - Cirrus Logic WM8281ECS/R Datasheet HTML 19Page - Cirrus Logic WM8281ECS/R Datasheet HTML 20Page - Cirrus Logic WM8281ECS/R Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 392 page
background image
WM8281
Rev 4.0
17
Test Conditions
The following electrical characteristics are valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Line / Headphone / Earpiece Output Driver (HPOUTnL, HPOUTnR)
Load resistance
Normal operation,
Single-ended mode
6
Ω
Normal operation,
Differential (BTL) mode
15
Device survival with load
applied indefinitely
0
Load capacitance
Direct connection,
Single-ended mode
500
pF
Direct connection,
Differential (BTL) mode
200
Connection via 16
Ω
series resistor
2
nF
Speaker Output Driver (SPKOUTLP+SPKOUTLN, SPKOUTRP+SPKOUTRN)
Load resistance
Normal operation
4
Ω
Device survival with load
applied indefinitely
0
Load capacitance
200
pF
Test Conditions
DBVDD1 = DBVDD2 = DBVDD3 = CPVDD = AVDD = 1.8V,
DCVDD = 1.2V (powered from LDO1), MICVDD = 2.5V (powered from LDO2), SPKVDDL = SPKVDDR = 4.2V,
TA = +25ºC, 1kHz sinusoid signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Line / Headphone / Earpiece Output Driver (HPOUTnL, HPOUTnR)
DC offset at Load
Single-ended mode
0.1
mV
Differential (BTL) mode
0.2
Speaker Output Driver (SPKOUTLP+SPKOUTLN, SPKOUTRP+SPKOUTRN)
DC offset at Load
10
mV
SPKVDD leakage current
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com