Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 83 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 83 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 79Page - Cirrus Logic WM8281ECS/R Datasheet HTML 80Page - Cirrus Logic WM8281ECS/R Datasheet HTML 81Page - Cirrus Logic WM8281ECS/R Datasheet HTML 82Page - Cirrus Logic WM8281ECS/R Datasheet HTML 83Page - Cirrus Logic WM8281ECS/R Datasheet HTML 84Page - Cirrus Logic WM8281ECS/R Datasheet HTML 85Page - Cirrus Logic WM8281ECS/R Datasheet HTML 86Page - Cirrus Logic WM8281ECS/R Datasheet HTML 87Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 392 page
background image
WM8281
Rev 4.0
83
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8:5
DRC1_DCY [3:0]
1001
DRC1 Gain decay rate
(seconds/6dB)
0000 = 1.45ms
0001 = 2.9ms
0010 = 5.8ms
0011 = 11.6ms
0100 = 23.25ms
0101 = 46.5ms
0110 = 93ms
0111 = 186ms
1000 = 372ms
1001 = 743ms
1010 = 1.49s
1011 = 2.97s
1100 to1111 = Reserved
4:2
DRC1_MINGAIN
[2:0]
100
DRC1 Minimum gain to attenuate
audio signals
000 = 0dB
001 = -12dB
010 = -18dB
011 = -24dB
100 = -36dB
101 = Reserved
11X = Reserved
1:0
DRC1_MAXGAI
N [1:0]
11
DRC1 Maximum gain to boost audio
signals (dB)
00 = 12dB
01 = 18dB
10 = 24dB
11 = 36dB
R3714
(0E82h)
DRC1 ctrl3
15:12
DRC1_NG_MIN
GAIN [3:0]
0000
DRC1 Minimum gain to attenuate
audio signals when the noise gate is
active.
0000 = -36dB
0001 = -30dB
0010 = -24dB
0011 = -18dB
0100 = -12dB
0101 = -6dB
0110 = 0dB
0111 = 6dB
1000 = 12dB
1001 = 18dB
1010 = 24dB
1011 = 30dB
1100 = 36dB
1101 to 1111 = Reserved
11:10
DRC1_NG_EXP
[1:0]
00
DRC1 Noise Gate slope
00 = 1 (no expansion)
01 = 2
10 = 4
11 = 8
9:8
DRC1_QR_THR
[1:0]
00
DRC1 Quick-release threshold
(crest factor in dB)
00 = 12dB
01 = 18dB
10 = 24dB
11 = 30dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com