Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 26 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 26 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 22Page - Cirrus Logic WM8281ECS/R Datasheet HTML 23Page - Cirrus Logic WM8281ECS/R Datasheet HTML 24Page - Cirrus Logic WM8281ECS/R Datasheet HTML 25Page - Cirrus Logic WM8281ECS/R Datasheet HTML 26Page - Cirrus Logic WM8281ECS/R Datasheet HTML 27Page - Cirrus Logic WM8281ECS/R Datasheet HTML 28Page - Cirrus Logic WM8281ECS/R Datasheet HTML 29Page - Cirrus Logic WM8281ECS/R Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 392 page
background image
WM8281
26
Rev 4.0
Test Conditions
DBVDD1 = DBVDD2 = DBVDD3 = CPVDD = AVDD = 1.8V,
DCVDD = 1.2V (powered from LDO1), MICVDD = 2.5V (powered from LDO2), SPKVDDL = SPKVDDR = 4.2V,
TA = +25ºC, 1kHz sinusoid signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MICVDD Charge Pump and Regulator (CP2 and LDO2)
Output voltage
VMICVDD
0.9
2.7
3.3
V
Programmable output voltage step
size
LDO2_VSEL=00h to 14h
(0.9V to 1.4V)
25
mV
LDO2_VSEL=14h to 27h
(1.4V to 3.3V)
100
Maximum output current
8
mA
Start-up time
4.7µF on MICVDD
1.5
2.5
ms
Frequency Locked Loop (FLL1, FLL2)
Output frequency
39
156
MHz
Lock Time
FREF = 32kHz,
FOUT = 147.456MHz
10
ms
FREF = 12MHz,
FOUT = 147.456MHz
1
RESET pin Input
RESET input pulse width
(To trigger a Hardware Reset, the
RESET input must be asserted for
longer than this duration)
1
µs
Test Conditions
The following electrical characteristics are valid across the full range of recommended operating conditions.
Device Reset Thresholds
AVDD Reset Threshold
VAVDD
VAVDD rising
1.56
V
VAVDD falling
0.92
1.55
DCVDD Reset Threshold
VDCVDD
VDCVDD rising
1.04
V
VDCVDD falling
0.49
0.64
DBVDD1 Reset Threshold
VDBVDD1
VDBVDD1 rising
1.54
V
VDBVDD1 falling
0.58
1.52
Note that the reset thresholds are derived from simulations only, across all operational and process corners.
Device performance is not assured outside the voltage
ranges defined in the “Recommended Operating Conditions” section.
Refer to this section for the WM8281 power-up sequencing requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com