Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 77 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 77 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 73Page - Cirrus Logic WM8281ECS/R Datasheet HTML 74Page - Cirrus Logic WM8281ECS/R Datasheet HTML 75Page - Cirrus Logic WM8281ECS/R Datasheet HTML 76Page - Cirrus Logic WM8281ECS/R Datasheet HTML 77Page - Cirrus Logic WM8281ECS/R Datasheet HTML 78Page - Cirrus Logic WM8281ECS/R Datasheet HTML 79Page - Cirrus Logic WM8281ECS/R Datasheet HTML 80Page - Cirrus Logic WM8281ECS/R Datasheet HTML 81Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 392 page
background image
WM8281
Rev 4.0
77
The DRC also incorporates a Noise Gate function, which provides additional attenuation of very low-
level input signals. This means that the signal path is quiet when no signal is present, giving an
improvement in background noise level under these conditions.
A Signal Detect function is provided within the DRC; this can be used to detect the presence of an
audio signal, and used to trigger other events. The Signal Detect function can be used as an Interrupt
event, or as a GPIO output, or used to trigger the Control Write Sequencer (note - DRC1 only).
DRCnLMIX_VOL2
DRCnLMIX_VOL3
DRCnLMIX_VOL4
+
DRCnLMIX_VOL1
DRCnLMIX_SRC1
DRCnLMIX_SRC3
DRCnLMIX_SRC4
DRCnLMIX_SRC2
DRC1 Left (58h)
DRC2 Left (5Ah)
DRC
Dynamic Range Controller
DRCnRMIX_VOL2
DRCnRMIX_VOL3
DRCnRMIX_VOL4
+
DRCnRMIX_VOL1
DRCnRMIX_SRC1
DRCnRMIX_SRC3
DRCnRMIX_SRC4
DRCnRMIX_SRC2
DRC1 Right (59h)
DRC2 Right (5Bh)
DRC
Dynamic Range Controller
WM8281 supports 2 Stereo DRC blocks, ie. n = 1 or 2
Figure 30 Dynamic Range Control (DRC) Block
The DRC1 and DRC2 mixer control registers (see Figure 30) are located at register addresses R2240
(8C0h) through to R2271 (08DFh).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600
through to R3000). Generic register definitions are provided in Table 8.
The *_SRCn registers select the input source(s) for the respective DRC processing blocks. Note that
the selected input source(s) must be configured for the same sample rate as the DRC to which they
are connected. Sample rate conversion functions are available to support flexible interconnectivity -
see “Asynchronous Sample Rate Converter (ASRC)” and “Isochronous Sample Rate Converter
(ISRC)
”.
The bracketed numbers in Figure 30
, eg. “(58h)” indicate the corresponding *_SRCn register setting
for selection of that signal as an input to another digital core function.
The sample rate for the DRC function is configured using the FX_RATE register - see Table 23. Note
that the EQ, DRC and LHPF functions must all be configured for the same sample rate.
The DRC function supports audio sample rates in the range 8kHz to 96kHz. Higher sample rates (up
to 192kHz) may be selected using FX_RATE, provided that the DRC function is disabled.
Sample rate conversion is required when routing the DRC signal paths to any signal chain that is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com