Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 16 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 16 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 12Page - Cirrus Logic WM8281ECS/R Datasheet HTML 13Page - Cirrus Logic WM8281ECS/R Datasheet HTML 14Page - Cirrus Logic WM8281ECS/R Datasheet HTML 15Page - Cirrus Logic WM8281ECS/R Datasheet HTML 16Page - Cirrus Logic WM8281ECS/R Datasheet HTML 17Page - Cirrus Logic WM8281ECS/R Datasheet HTML 18Page - Cirrus Logic WM8281ECS/R Datasheet HTML 19Page - Cirrus Logic WM8281ECS/R Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 392 page
background image
WM8281
16
Rev 4.0
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD = 1.8V,
With the exception of the condition(s) noted above, the following electrical characteristics are valid across the full range of
recommended operating conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Input Signal Level (IN1L, IN1R, IN2L, IN2R, IN3L, IN3R)
Full-scale input signal level
(0dBFS output)
VINFS
Single-ended PGA input,
0dB PGA gain
0.5
-6
VRMS
dBV
Differential PGA input,
0dB PGA gain
1
0
VRMS
dBV
Notes:
1. The full-scale input signal level is also the maximum analogue input level, before clipping occurs.
2. The full-scale input signal level changes in proportion with AVDD. For differential input, it is calculated as AVDD / 1.8.
3. A 1.0VRMS differential signal equates to 0.5VRMS/-6dBV per input.
4. A sinusoidal input signal is assumed.
Test Conditions
TA = +25ºC
With the exception of the condition(s) noted above, the following electrical characteristics are valid across the full range of
recommended operating conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Input Pin Characteristics (IN1L, IN1R, IN2L, IN2R, IN3L, IN3R)
Input resistance
RIN
Single-ended PGA input,
All PGA gain settings
9
12
k
Differential PGA input,
All PGA gain settings
18
24
Input capacitance
CIN
5
pF
Test Conditions
The following electrical characteristics are valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Programmable Gain Amplifiers (PGAs)
Minimum programmable gain
0
dB
Maximum programmable gain
31
dB
Programmable gain step size
Guaranteed monotonic
1
dB
Test Conditions
The following electrical characteristics are valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Microphone Input Signal Level (DMICDAT1, DMICDAT2, DMICDAT3, DMICDAT4)
Full-scale input signal level
(0dBFS output)
0dB gain
-6
dBFS
Notes:
5. The digital microphone input signal level is measured in dBFS, where 0dBFS is a signal level equal to the full-scale range (FSR)
of the PDM input. The FSR is defined as the amplitude of a 1kHz sine wave whose positive and negative peaks are represented
by the maximum and minimum digital codes respectively - this is the largest 1kHz sine wave that will fit in the digital output range
without clipping. Note that, because the definition of FSR is based on a sine wave, the PDM data format can support signals
larger than 0dBFS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com