Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 42 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 42 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 38Page - Cirrus Logic WM8281ECS/R Datasheet HTML 39Page - Cirrus Logic WM8281ECS/R Datasheet HTML 40Page - Cirrus Logic WM8281ECS/R Datasheet HTML 41Page - Cirrus Logic WM8281ECS/R Datasheet HTML 42Page - Cirrus Logic WM8281ECS/R Datasheet HTML 43Page - Cirrus Logic WM8281ECS/R Datasheet HTML 44Page - Cirrus Logic WM8281ECS/R Datasheet HTML 45Page - Cirrus Logic WM8281ECS/R Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 392 page
background image
WM8281
42
Rev 4.0
JTAG INTERFACE TIMING
TCK
(input)
tCCH
tCCL
tCCY
TDI
(input)
tDSU
tDH
TMS
(input)
tMSU
tMH
TDO
(output)
tDD
TRST
(input)
tRSU
tRH
Figure 12 JTAG Interface Timing
Test Conditions
The following timing information is valid across the full range of recommended operating conditions, unless otherwise noted.
CLOAD = 25pF (output pins). TCK slew (20% to 80%) = 5ns.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
JTAG Interface Timing
TCK cycle time
TCCY
50
ns
TCK pulse width high
TCCH
20
ns
TCK pulse width low
TCCL
20
ns
TMS setup time to TCK rising edge
TMSU
1
ns
TMS hold time from TCK rising edge
TMH
2
ns
TDI setup time to TCK rising edge
TDSU
1
ns
TDI hold time from TCK rising edge
TDH
2
ns
TDO propagation delay from TCK falling edge
TDD
0
17
ns
TRST setup time to TCK rising edge
TRSU
3
ns
TRST hold time from TCK rising edge
TRH
3
ns
TRST pulse width low
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com