Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 71 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 71 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 67Page - Cirrus Logic WM8281ECS/R Datasheet HTML 68Page - Cirrus Logic WM8281ECS/R Datasheet HTML 69Page - Cirrus Logic WM8281ECS/R Datasheet HTML 70Page - Cirrus Logic WM8281ECS/R Datasheet HTML 71Page - Cirrus Logic WM8281ECS/R Datasheet HTML 72Page - Cirrus Logic WM8281ECS/R Datasheet HTML 73Page - Cirrus Logic WM8281ECS/R Datasheet HTML 74Page - Cirrus Logic WM8281ECS/R Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 392 page
background image
WM8281
Rev 4.0
71
MIC MUTE MIXER
The Mic Mute mixer function supports applications where two signal paths are multiplexed into a
single output. A typical use case is muting a microphone audio path and inserting a ‘comfort noise’
signal in place of the normal audio path.
The Mic Mute mixer function comprises two digital mixers (MICMIX and NOISEMIX), as illustrated in
Figure 28. A multiplexer selects one or other mixer as the Mic Mute output signal. Up to 4 input
sources can be selected for each mixer, and independent volume control is provided for each path.
MICMIX_VOL2
MICMIX_VOL3
MICMIX_VOL4
+
MICMIX_VOL1
MICMIX_SRC1
MICMIX_SRC3
MICMIX_SRC4
MICMIX_SRC2
Mic Mix
(Normal audio path)
NOISEMIX_VOL2
NOISEMIX_VOL3
NOISEMIX_VOL4
+
NOISEMIX_VOL1
NOISEMIX_SRC1
NOISEMIX_SRC3
NOISEMIX_SRC4
NOISEMIX_SRC2
Noise Mix
(Alternate signal path)
Mic Mute mixer (0Ch)
MICMUTE_MIX_ENA
MICMUTE_NOISE_ENA
Figure 28 Mic Mute Digital Mixers
The MICMIX and NOISEMIX control registers (see Figure 28) are located at register addresses
R1632 (0660h) through to R1647 (066Fh).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600
through to R3000). Generic register definitions are provided in Table 8.
The Mic Mute mixer can be selected as input to any of the digital mixers or signal processing
functions within the WM8281 digital core. The bracketed number (0Ch) in Figure 28 indicates the
corresponding *_SRCn register setting for selection of the Mic Mute mixer as an input to another
digital core function.
The sample rate for the Mic Mute mixer and multiplexer is configured using the MICMUTE_RATE
register - see Table 23. Note that sample rate conversion is required when routing the Mic Mute mixer
to any signal chain that is asynchronous and/or configured for a different sample rate.
The control registers associated with the Mic Mute mixer function are described in Table 9.
The output of the Mic Mute mixer and multiplexer is enabled using MICMUTE_MIX_ENA.
The multiplexer is controlled using the MICMUTE_NOISE_ENA register bit, selecting MICMIX or
NOISEMIX as the output signal source.
Under recommended operating conditions, the MICMIX output is selected for normal (audio)
cond
itions, and the NOISEMIX output is selected for mute (or ‘comfort noise’) conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com