Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 94 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 94 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 90Page - Cirrus Logic WM8281ECS/R Datasheet HTML 91Page - Cirrus Logic WM8281ECS/R Datasheet HTML 92Page - Cirrus Logic WM8281ECS/R Datasheet HTML 93Page - Cirrus Logic WM8281ECS/R Datasheet HTML 94Page - Cirrus Logic WM8281ECS/R Datasheet HTML 95Page - Cirrus Logic WM8281ECS/R Datasheet HTML 96Page - Cirrus Logic WM8281ECS/R Datasheet HTML 97Page - Cirrus Logic WM8281ECS/R Datasheet HTML 98Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 392 page
background image
WM8281
94
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3396
(0D44h)
ADSP2
IRQ3
1
DSP_IRQ8
0
DSP IRQ8
0 = Not asserted
1 = Asserted
This bit can be set/reset by a DSP core in
order to generate a DSP_IRQ8_EINTn
interrupt to the host processor.
0
DSP_IRQ7
0
DSP IRQ7
0 = Not asserted
1 = Asserted
This bit can be set/reset by a DSP core in
order to generate a DSP_IRQ7_EINTn
interrupt to the host processor.
Table 18 DSP Interrupts
TONE GENERATOR
The WM8281
incorporates two 1kHz tone generators which can be used for ‘beep’ functions through
any of the audio signal paths. The phase relationship between the two generators is configurable,
providing flexibility in creating differential signals, or for test scenarios.
Tone Generator 1 (04h)
Tone Generator 2 (05h)
1kHz
Tone Generator
TONE1_ENA
TONE2_ENA
TONE_OFFSET
TONE_RATE
TONE1_OVD
TONE1_LVL
TONE2_OVD
TONE2_LVL
Figure 34 Digital Core Tone Generator
The tone generators can be selected as input to any of the digital mixers or signal processing
functions within the WM8281 digital core. The bracketed numbers in Figure 34
, eg. “(04h)” indicate
the corresponding *_SRCn register setting for selection of that signal as an input to another digital
core function.
The sample rate for the tone generators is configured using the TONE_RATE register - see Table 23.
Note that sample rate conversion is required when routing the tone generator output(s) to any signal
chain that is asynchronous and/or configured for a different sample rate.
The tone generators are enabled using the TONE1_ENA and TONE2_ENA register bits as described
in Table 19. The phase relationship is configured using TONE_OFFSET.
The tone generators can also provide a configurable DC signal level, for use as a test signal. The DC
output is selected using the TONEn_OVD register bits, and the DC signal amplitude is configured
using the TONEn_LVL registers, as described in Table 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com