Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 19 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 19 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 15Page - Cirrus Logic WM8281ECS/R Datasheet HTML 16Page - Cirrus Logic WM8281ECS/R Datasheet HTML 17Page - Cirrus Logic WM8281ECS/R Datasheet HTML 18Page - Cirrus Logic WM8281ECS/R Datasheet HTML 19Page - Cirrus Logic WM8281ECS/R Datasheet HTML 20Page - Cirrus Logic WM8281ECS/R Datasheet HTML 21Page - Cirrus Logic WM8281ECS/R Datasheet HTML 22Page - Cirrus Logic WM8281ECS/R Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 392 page
background image
WM8281
Rev 4.0
19
Test Conditions
DBVDD1 = DBVDD2 = DBVDD3 = CPVDD = AVDD = 1.8V,
DCVDD = 1.2V (powered from LDO1), MICVDD = 2.5V (powered from LDO2), SPKVDDL = SPKVDDR = 4.2V,
TA = +25ºC, 1kHz sinusoid signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC to Line Output (HPOUTnL, HPOUTnR; Load = 10k
, 50pF)
Full-scale output signal level
VOUT
0dBFS input
1
0
Vrms
dBV
Signal to Noise Ratio (A-weighted)
SNR
Output signal = 1Vrms
107
115
dB
Output signal = 1Vrms,
eDRE software enabled
120
Total Harmonic Distortion
THD
0dBFS input
-92
-84
dB
Total Harmonic Distortion + Noise
THD+N
0dBFS input
-90
dB
Channel separation (Left/Right)
110
dB
Output noise floor
A-weighted,
eDRE software enabled
0.8
µVRMS
PSRR (DBVDDn, LDOVDD,
CPVDD, AVDD)
PSRR
100mV (peak-peak) 217Hz
80
dB
100mV (peak-peak) 10kHz
72
PSRR (SPKVDDL, SPKVDDR)
PSRR
100mV (peak-peak) 217Hz
>120
dB
100mV (peak-peak) 10kHz
>120
DAC to Headphone Output (HPOUTnL, HPOUTnR, RL = 32, Short Circuit Protection disabled)
Maximum output power
PO
0.1% THD+N
32
mW
Signal to Noise Ratio (A-weighted)
SNR
Output signal = 1Vrms
107
115
dB
Output signal = 1Vrms,
eDRE software enabled
121
Total Harmonic Distortion
THD
PO = 20mW
-89
dB
Total Harmonic Distortion + Noise
THD+N
PO = 20mW
-88
dB
Total Harmonic Distortion
THD
PO = 5mW
-91
-84
dB
Total Harmonic Distortion Plus
Noise
THD+N
PO = 5mW
-88
dB
Channel separation (Left/Right)
94
dB
Output noise floor
A-weighted,
eDRE software enabled
0.8
µVRMS
PSRR (DBVDDn, LDOVDD,
CPVDD, AVDD)
PSRR
100mV (peak-peak) 217Hz
89
dB
100mV (peak-peak) 10kHz
72
PSRR (SPKVDDL, SPKVDDR)
PSRR
100mV (peak-peak) 217Hz
>120
dB
100mV (peak-peak) 10kHz
>120
DAC to Headphone Output (HPOUTnL, HPOUTnR, RL = 16, Short Circuit Protection disabled)
Maximum output power
PO
0.1% THD+N
42
mW
Signal to Noise Ratio (A-weighted)
SNR
Output signal = 1Vrms
107
115
dB
Output signal = 1Vrms,
eDRE software enabled
121
Total Harmonic Distortion
THD
PO = 20mW
-88
dB
Total Harmonic Distortion + Noise
THD+N
PO = 20mW
-87
dB
Total Harmonic Distortion
THD
PO = 5mW
-88
-84
dB
Total Harmonic Distortion + Noise
THD+N
PO = 5mW
-87
dB
Channel separation (Left/Right)
92
dB
Output noise floor
A-weighted,
eDRE software enabled
0.8
µVRMS
PSRR (DBVDDn, LDOVDD,
CPVDD, AVDD)
PSRR
100mV (peak-peak) 217Hz
89
dB
100mV (peak-peak) 10kHz
72
PSRR (SPKVDDL, SPKVDDR)
PSRR
100mV (peak-peak) 217Hz
>120
dB
100mV (peak-peak) 10kHz
>120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com