Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 74 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 74 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 70Page - Cirrus Logic WM8281ECS/R Datasheet HTML 71Page - Cirrus Logic WM8281ECS/R Datasheet HTML 72Page - Cirrus Logic WM8281ECS/R Datasheet HTML 73Page - Cirrus Logic WM8281ECS/R Datasheet HTML 74Page - Cirrus Logic WM8281ECS/R Datasheet HTML 75Page - Cirrus Logic WM8281ECS/R Datasheet HTML 76Page - Cirrus Logic WM8281ECS/R Datasheet HTML 77Page - Cirrus Logic WM8281ECS/R Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 392 page
background image
WM8281
74
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5:1
EQ1_B3_GAIN
[4:0]
01100
EQ1 Band 3 Gain
-12dB to +12dB in 1dB steps
(see Table 12 for gain range)
0
EQ1_ENA
0
EQ1 Enable
0 = Disabled
1 = Enabled
R3601
(0E11h)
EQ1_2
15:11
EQ1_B4_GAIN
[4:0]
01100
EQ1 Band 4 Gain
-12dB to +12dB in 1dB steps
(see Table 12 for gain range)
10:6
EQ1_B5_GAIN
[4:0]
01100
EQ1 Band 5 Gain
-12dB to +12dB in 1dB steps
(see Table 12 for gain range)
0
EQ1_B1_MODE
0
EQ1 Band 1 Mode
0 = Shelving filter
1 = Peak filter
R3602
(0E12h)
to
R3620
(E24h)
15:0
EQ1_B1_*
EQ1_B2_*
EQ1_B3_*
EQ1_B4_*
EQ1_B5_*
EQ1 Frequency Coefficients
Refer to WISCE evaluation board control
software for the deriviation of these field
values.
R3622
(0E26h)
EQ2_1
15:11
EQ2_B1_GAIN
[4:0]
01100
EQ2 Band 1 Gain
-12dB to +12dB in 1dB steps
(see Table 12 for gain range)
10:6
EQ2_B2_GAIN
[4:0]
01100
EQ2 Band 2 Gain
-12dB to +12dB in 1dB steps
(see Table 12 for gain range)
5:1
EQ2_B3_GAIN
[4:0]
01100
EQ2 Band 3 Gain
-12dB to +12dB in 1dB steps
(see Table 12 for gain range)
0
EQ2_ENA
0
EQ2 Enable
0 = Disabled
1 = Enabled
R3623
(0E27h)
EQ2_2
15:11
EQ2_B4_GAIN
[4:0]
01100
EQ2 Band 4 Gain
-12dB to +12dB in 1dB steps
(see Table 12 for gain range)
10:6
EQ2_B5_GAIN
[4:0]
01100
EQ2 Band 5 Gain
-12dB to +12dB in 1dB steps
(see Table 12 for gain range)
0
EQ2_B1_MODE
0
EQ2 Band 1 Mode
0 = Shelving filter
1 = Peak filter
R3624
(0E28h)
to
R3642
(E3Ah)
15:0
EQ2_B1_*
EQ2_B2_*
EQ2_B3_*
EQ2_B4_*
EQ2_B5_*
EQ2 Frequency Coefficients
Refer to WISCE evaluation board control
software for the deriviation of these field
values.
R3644
(0E3Ch)
EQ3_1
15:11
EQ3_B1_GAIN
[4:0]
01100
EQ3 Band 1 Gain
-12dB to +12dB in 1dB steps
(see Table 12 for gain range)
10:6
EQ3_B2_GAIN
[4:0]
01100
EQ3 Band 2 Gain
-12dB to +12dB in 1dB steps
(see Table 12 for gain range)
5:1
EQ3_B3_GAIN
[4:0]
01100
EQ3 Band 3 Gain
-12dB to +12dB in 1dB steps
(see Table 12 for gain range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com