Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 34 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 34 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 30Page - Cirrus Logic WM8281ECS/R Datasheet HTML 31Page - Cirrus Logic WM8281ECS/R Datasheet HTML 32Page - Cirrus Logic WM8281ECS/R Datasheet HTML 33Page - Cirrus Logic WM8281ECS/R Datasheet HTML 34Page - Cirrus Logic WM8281ECS/R Datasheet HTML 35Page - Cirrus Logic WM8281ECS/R Datasheet HTML 36Page - Cirrus Logic WM8281ECS/R Datasheet HTML 37Page - Cirrus Logic WM8281ECS/R Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 392 page
background image
WM8281
34
Rev 4.0
DIGITAL SPEAKER (PDM) INTERFACE TIMING
SPKCLK
(output)
SPKDAT
(output)
tCY
tLH
tRH
tLSU
tRSU
(left data)
(right data)
VOH
VOL
VOL
tr
tf
VOH
Figure 3 Digital Speaker (PDM) Interface Timing - Mode A
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
PDM Audio Interface Timing
SPKCLKn cycle time
tCY
160
163
358
ns
SPKCLKn duty cycle
45
55
%
SPKCLKn rise/fall time (25pF load)
tr, tf
2
8
ns
SPKDATn set-up time to SPKCLKn rising edge (Left channel)
tLSU
30
ns
SPKDATn hold time from SPKCLKn rising edge (Left channel)
tLH
30
ns
SPKDATn set-up time to SPKCLKn falling edge (Right channel)
tRSU
30
ns
SPKDATn hold time from SPKCLKn falling edge (Right channel)
tRH
30
ns
(right data)
(left data)
VOL
tf
SPKCLK
(output)
SPKDAT
(output)
tLDIS
tRDIS
tLEN
tCY
tREN
VOL
tr
VOH
VOH
Figure 4 Digital Speaker (PDM) Interface Timing - Mode B
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
PDM Audio Interface Timing
SPKCLKn cycle time
tCY
160
163
358
ns
SPKCLKn duty cycle
45
55
%
SPKCLKn rise/fall time (25pF load)
tr, tf
2
8
ns
SPKDATn enable from SPKCLK rising edge (Right channel)
tREN
15
ns
SPKDATn disable to SPKCLK falling edge (Right channel)
tRDIS
5
ns
SPKDATn enable from SPKCLK falling edge (Left channel)
tLEN
15
ns
SPKDATn disable to SPKCLK rising edge (Left channel)
tLDIS
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com