Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 68 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 68 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 64Page - Cirrus Logic WM8281ECS/R Datasheet HTML 65Page - Cirrus Logic WM8281ECS/R Datasheet HTML 66Page - Cirrus Logic WM8281ECS/R Datasheet HTML 67Page - Cirrus Logic WM8281ECS/R Datasheet HTML 68Page - Cirrus Logic WM8281ECS/R Datasheet HTML 69Page - Cirrus Logic WM8281ECS/R Datasheet HTML 70Page - Cirrus Logic WM8281ECS/R Datasheet HTML 71Page - Cirrus Logic WM8281ECS/R Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 392 page
background image
WM8281
68
Rev 4.0
Silence (mute) (00h)
AEC Loopback (08h)
IN1L signal path (10h)
IN1R signal path (11h)
IN2L signal path (12h)
IN2R signal path (13h)
IN3L signal path (14h)
IN3R signal path (15h)
IN4L signal path (16h)
IN4R signal path (17h)
AIF1 RX1 (20h)
AIF1 RX2 (21h)
AIF1 RX3 (22h)
AIF1 RX4 (23h)
AIF1 RX5 (24h)
AIF1 RX6 (25h)
AIF1 RX7 (26h)
AIF1 RX8 (27h)
AIF2 RX1 (28h)
AIF2 RX2 (29h)
AIF2 RX3 (2Ah)
AIF2 RX4 (2Bh)
AIF2 RX5 (2Ch)
AIF2 RX6 (2Dh)
AIF3 RX1 (30h)
AIF3 RX2 (31h)
SLIMbus RX1 (38h)
SLIMbus RX2 (39h)
SLIMbus RX3 (3Ah)
SLIMbus RX4 (3Bh)
SLIMbus RX5 (3Ch)
SLIMbus RX6 (3Dh)
SLIMbus RX7 (3Eh)
SLIMbus RX8 (3Fh)
Figure 24 Digital Core Inputs
DIGITAL CORE OUTPUT MIXERS
The digital core comprises multiple output paths. The output paths associated with AIF1, AIF2 and
AIF3 are illustrated in Figure 25. The output paths associated with OUT1, OUT2, OUT3, OUT4, OUT5
and OUT6 are illustrated in Figure 26. The output paths associated with the SLIMbus interface are
illustrated in Figure 27.
A 4-input mixer is associated with each output. The 4 input sources are selectable in each case, and
independent volume control is provided for each path.
The AIF1, AIF2 and AIF3 output mixer control registers (see Figure 25) are located at register
addresses R1792 (700h) through to R1935 (78Fh). The OUT1, OUT2, OUT3, OUT4, OUT5 and
OUT6 output mixer control registers (see Figure 26) are located at addresses R1664 (680h) through
to R1759 (6DFh). The SLIMbus output mixer control registers (see Figure 27) are located at
addresses R1984 (7C0h) through to R2047 (7FFh).
The full list of
digital mixer control registers is provided in the “Register Map” section (Register R1600
through to R3000). Generic register definitions are provided in Table 8.
The *_SRCn registers select the input source(s) for the respective mixers. Note that the selected input
source(s) must be configured for the same sample rate as the mixer to which they are connected.
Sample rate conversion functions are available to support flexible interconnectivity - see
“Asynchronous Sample Rate Converter (ASRC)” and “Isochronous Sample Rate Converter (ISRC)”.
The sample rate for the output signal paths is configured using the applicable OUT_RATE,
AIFn_RATE or SLIMTXn_RATE register - see Table 23. Note that sample rate conversion is required
when routing the output signal paths to any signal chain that is asynchronous and/or configured for a
different sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com