Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 39 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 39 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 35Page - Cirrus Logic WM8281ECS/R Datasheet HTML 36Page - Cirrus Logic WM8281ECS/R Datasheet HTML 37Page - Cirrus Logic WM8281ECS/R Datasheet HTML 38Page - Cirrus Logic WM8281ECS/R Datasheet HTML 39Page - Cirrus Logic WM8281ECS/R Datasheet HTML 40Page - Cirrus Logic WM8281ECS/R Datasheet HTML 41Page - Cirrus Logic WM8281ECS/R Datasheet HTML 42Page - Cirrus Logic WM8281ECS/R Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 392 page
background image
WM8281
Rev 4.0
39
4-WIRE (SPI) CONTROL MODE
SS
(input)
SCLK
(input)
MOSI
(input)
tSSU
tSCH
tSCL
tSCY
tDHO
tDSU
tSHO
Figure 9 Control Interface Timing - 4-wire (SPI) Control Mode (Write Cycle)
SCLK
(input)
MISO
(output)
tDL
SS
(input)
Figure 10 Control Interface Timing - 4-wire (SPI) Control Mode (Read Cycle)
Test Conditions
The following timing information is valid across the full range of recommended operating conditions, unless otherwise noted.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SS
¯¯ falling edge to SCLK rising edge
tSSU
2.6
ns
SCLK falling edge to SS
¯¯ rising edge
tSHO
0
ns
SCLK pulse cycle time
SYSCLK disabled
(SYSCLK_ENA=0)
tSCY
38.4
ns
SYSCLK_ENA=1 and
SYSCLK_FREQ = 000
76.8
SYSCLK_ENA=1 and
SYSCLK_FREQ > 000
38.4
SCLK pulse width low
tSCL
15.3
ns
SCLK pulse width high
tSCH
15.3
ns
MOSI to SCLK set-up time
tDSU
1.5
ns
MOSI to SCLK hold time
tDHO
1.7
ns
SCLK falling edge to
MISO transition
SCLK slew (90% to 10%) = 5ns,
CLOAD (MISO) = 25pF
tDL
0
11.9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com