Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 85 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 85 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 81Page - Cirrus Logic WM8281ECS/R Datasheet HTML 82Page - Cirrus Logic WM8281ECS/R Datasheet HTML 83Page - Cirrus Logic WM8281ECS/R Datasheet HTML 84Page - Cirrus Logic WM8281ECS/R Datasheet HTML 85Page - Cirrus Logic WM8281ECS/R Datasheet HTML 86Page - Cirrus Logic WM8281ECS/R Datasheet HTML 87Page - Cirrus Logic WM8281ECS/R Datasheet HTML 88Page - Cirrus Logic WM8281ECS/R Datasheet HTML 89Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 392 page
background image
WM8281
Rev 4.0
85
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:0
DRC1_KNEE2_
OP [4:0]
00000
DRC1 Output signal at the Noise
Gate threshold ‘Knee2’.
00000 = -30dB
00001 = -31.5dB
00010 = -33dB
… (-1.5dB steps)
11110 = -75dB
11111 = -76.5dB
Only applicable when
DRC1_KNEE2_OP_ENA = 1.
Table 15 DRC1 Control Registers
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3585
(0E01h)
FX_Ctrl2
15:4
FX_STS [11:0]
00h
LHPF, DRC, EQ Enable Status
Indicates the status of each of the
respective signal processing
functions.
[11] = EQ4
[10] = EQ3
[9] = EQ2
[8] = EQ1
[7] = DRC2 (Right)
[6] = DRC2 (Left)
[5] = DRC1 (Right)
[4] = DRC1 (Left)
[3] = LHPF4
[2] = LHPF3
[1] = LHPF2
[0] = LHPF1
Each bit is coded as:
0 = Disabled
1 = Enabled
R3721
(0E89h)
DRC2 ctrl1
15:11
DRC2_SIG_DET
_RMS [4:0]
00h
DRC2 Signal Detect RMS
Threshold.
This is the RMS signal level for
signal detect to be indicated when
DRC2_SIG_DET_MODE=1.
00h = -30dB
01h = -31.5dB
…. (1.5dB steps)
1Eh = -75dB
1Fh = -76.5dB
10:9
DRC2_SIG_DET
_PK [1:0]
00
DRC2 Signal Detect Peak
Threshold.
This is the Peak/RMS ratio, or Crest
Factor, level for signal detect to be
indicated when
DRC2_SIG_DET_MODE=0.
00 = 12dB
01 = 18dB
10 = 24dB
11 = 30dB
8
DRC2_NG_ENA
0
DRC2 Noise Gate Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com