Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 56 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 56 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 52Page - Cirrus Logic WM8281ECS/R Datasheet HTML 53Page - Cirrus Logic WM8281ECS/R Datasheet HTML 54Page - Cirrus Logic WM8281ECS/R Datasheet HTML 55Page - Cirrus Logic WM8281ECS/R Datasheet HTML 56Page - Cirrus Logic WM8281ECS/R Datasheet HTML 57Page - Cirrus Logic WM8281ECS/R Datasheet HTML 58Page - Cirrus Logic WM8281ECS/R Datasheet HTML 59Page - Cirrus Logic WM8281ECS/R Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 392 page
background image
WM8281
56
Rev 4.0
INPUT SIGNAL PATH DIGITAL VOLUME CONTROL
A digital volume control is provided on each of the input signal paths, providing -64dB to +31.5dB gain
control in 0.5dB steps. An independent mute control is also provided for each input signal path.
Whenever the gain or mute setting is changed, the signal path gain is ramped up or down to the new
settings at a programmable rate. For increasing gain (or un-mute), the rate is controlled by the
IN_VI_RAMP register. For decreasing gain (or mute), the rate is controlled by the IN_VD_RAMP
register. Note that the IN_VI_RAMP and IN_VD_RAMP registers should not be changed while a
volume ramp is in progress.
The IN_VU bits control the loading of the input signal path digital volume and mute controls. When
IN_VU is set to 0, the digital volume and mute settings will be loaded into the respective control
register, but will not actually change the signal path gain. The digital volume and mute settings on all
of the input signal paths are updated when a 1 is written to IN_VU. This makes it possible to update
the gain of multiple signal paths simultaneously.
Note that, although the digital volume control registers provide 0.5dB steps, the internal circuits
provide signal gain adjustment in 0.125dB steps. This allows a very high degree of gain control, and
smooth volume ramping under all operating conditions.
The digital volume control register fields are described in Table 4 and Table 5.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R777
(0309h)
Input
Volume
Ramp
6:4
IN_VD_RAMP
[2:0]
010
Input Volume Decreasing Ramp Rate
(seconds/6dB)
000 = 0ms
001 = 0.5ms
010 = 1ms
011 = 2ms
100 = 4ms
101 = 8ms
110 = 15ms
111 = 30ms
This register should not be changed while
a volume ramp is in progress.
2:0
IN_VI_RAMP
[2:0]
010
Input Volume Increasing Ramp Rate
(seconds/6dB)
000 = 0ms
001 = 0.5ms
010 = 1ms
011 = 2ms
100 = 4ms
101 = 8ms
110 = 15ms
111 = 30ms
This register should not be changed while
a volume ramp is in progress.
R785
(0311h)
ADC
Digital
Volume 1L
9
IN_VU
Input Signal Paths Volume and Mute
Update
Writing a 1 to this bit will cause the Input
Signal Paths Volume and Mute settings to
be updated simultaneously
8
IN1L_MUTE
1
Input Path 1 (Left) Digital Mute
0 = Un-mute
1 = Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com