Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 79 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 79 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 75Page - Cirrus Logic WM8281ECS/R Datasheet HTML 76Page - Cirrus Logic WM8281ECS/R Datasheet HTML 77Page - Cirrus Logic WM8281ECS/R Datasheet HTML 78Page - Cirrus Logic WM8281ECS/R Datasheet HTML 79Page - Cirrus Logic WM8281ECS/R Datasheet HTML 80Page - Cirrus Logic WM8281ECS/R Datasheet HTML 81Page - Cirrus Logic WM8281ECS/R Datasheet HTML 82Page - Cirrus Logic WM8281ECS/R Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 392 page
background image
WM8281
Rev 4.0
79
The slope of the DRC response is determined by register fields DRCn_HI_COMP and
DRCn_LO_COMP. A slope of 1 indicates constant gain in this region. A slope less than 1 represents
compression (i.e. a change in input amplitude produces only a smaller change in output amplitude). A
slope of 0 indicates that the target output amplitude is the same across a range of input amplitudes;
this is infinite compression.
When the noise gate is enabled, the DRC response in this region is determined by the
DRCn_NG_EXP register. A slope of 1 indicates constant gain in this region. A slope greater than 1
represents expansion (ie. a change in input amplitude produces a larger change in output amplitude).
When the DRCn
_KNEE2_OP knee is enabled (“Knee2” in Figure 31), this introduces the vertical line
in the response pattern illustrated, resulting in infinitely steep attenuation at this point in the response.
The DRC parameters are listed in Table 14.
REF
PARAMETER
DESCRIPTION
1
DRCn_KNEE_IP
Input level at Knee1 (dB)
2
DRCn_KNEE_OP
Output level at Knee2 (dB)
3
DRCn_HI_COMP
Compression ratio above Knee1
4
DRCn_LO_COMP
Compression ratio below Knee1
5
DRCn_KNEE2_IP
Input level at Knee2 (dB)
6
DRCn_NG_EXP
Expansion ratio below Knee2
7
DRCn_KNEE2_OP
Output level at Knee2 (dB)
Table 14 DRC Response Parameters
The noise gate is enabled when the DRCn_NG_ENA register is set. When the noise gate is not
enabled, parameters 5, 6, 7 above are ignored, and the DRCn_LO_COMP slope applies to all input
signal levels below Knee1.
The DRCn_KNEE2_OP knee is enabled when the DRCn_KNEE2_OP_ENA register is set. When this
bit is not set, then parameter 7 above is ignored, and the Knee2 position always coincides with the
low end of the DRCn_LO_COMP region.
The “Knee1” point in Figure 31 is determined by register fields DRCn_KNEE_IP and
DRCn_KNEE_OP.
Parameter Y0, the output level for a 0dB input, is not specified directly, but can be calculated from the
other parameters, using the equation:
Y0 = DRCn_KNEE_OP - (DRCn_KNEE_IP x DRCn_HI_COMP)
Gain Limits
The minimum and maximum gain applied by the DRC is set by register fields DRCn_MINGAIN,
DRCn_MAXGAIN and DRCn_NG_MINGAIN. These limits can be used to alter the DRC response
from that illustrated in Figure 31. If the range between maximum and minimum gain is reduced, then
the extent of the dynamic range control is reduced.
The minimum gain in the Compression regions of the DRC response is set by DRCn_MINGAIN. The
mimimum gain in the Noise Gate region is set by DRCn_NG_MINGAIN. The minimum gain limit
prevents excessive attenuation of the signal path.
The maximum gain limit set by DRCn_MAXGAIN prevents quiet signals (or silence) from being
excessively amplified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com