Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 62 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 62 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 58Page - Cirrus Logic WM8281ECS/R Datasheet HTML 59Page - Cirrus Logic WM8281ECS/R Datasheet HTML 60Page - Cirrus Logic WM8281ECS/R Datasheet HTML 61Page - Cirrus Logic WM8281ECS/R Datasheet HTML 62Page - Cirrus Logic WM8281ECS/R Datasheet HTML 63Page - Cirrus Logic WM8281ECS/R Datasheet HTML 64Page - Cirrus Logic WM8281ECS/R Datasheet HTML 65Page - Cirrus Logic WM8281ECS/R Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 392 page
background image
WM8281
62
Rev 4.0
DIGITAL CORE
The WM8281 digital core provides extensive mixing and processing capabilities for multiple signal
paths. The configuration is highly flexible, and virtually every conceivable input/output connection can
be supported between the available processing blocks.
The digital core provides parametric equalisation (EQ) functions, dynamic range control (DRC), low-
pass / high-pass filters (LHPF), and programmable DSP capability. The DSP can support functions
such as wind noise, side-tone or other programmable filters, also dynamic range control and
compression, or virtual surround sound and other audio enhancements.
The WM8281 supports multiple signal paths through the digital core. Stereo full-duplex sample rate
conversion is provided to allow digital audio to be routed between input (ADC) paths, output (DAC)
paths, Digital Audio Interfaces (AIF1, AIF2 and AIF3) and SLIMbus paths operating at different
sample rates and/or referenced to asynchronous clock domains.
The DSP functions are highly programmable, using application-specific control sequences. It should
be noted that the DSP configuration data is lost whenever the DCVDD power domain is removed; the
DSP configuration data must be downloaded to the WM8281 each time the device is powered up.
The procedure for configuring the WM8281
DSP functions is tailored to each customer’s application;
please contact your local Cirrus Logic representative for more details.
The WM8281 incorporates two 1kHz tone generators which ca
n be used for ‘beep’ functions through
any of the audio signal paths.
A white noise generator is incorporated, to provide ‘comfort noise’ in
cases where silence (digital mute) is not desirable.
A haptic signal generator is provided, for use with external haptic devices (eg. mechanical vibration
actuators). Two Pulse Width Modulation (PWM) signal generators are also provided; the PWM
waveforms can be modulated by an audio source within the digital core, and can be output on a GPIO
pin.
The WM8281 also incorporates the Cirrus Logic Ambient Noise Cancellation (ANC) functionality; note
that this is described in a separate section, see “Ambient Noise Cancellation”.
An overview of the digital core processing and mixing functions is provided in Figure 22. An overview
of the external digital interface paths is provided in Figure 23.
The control registers associated with the digital core signal paths are shown in Figure 24 through to
Figure 41.
The full list of digital mixer control registers is provided in the “Register Map” section
(Register R1600 through to R3000). Generic register definitions are provided in Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com