Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 50 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 50 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 46Page - Cirrus Logic WM8281ECS/R Datasheet HTML 47Page - Cirrus Logic WM8281ECS/R Datasheet HTML 48Page - Cirrus Logic WM8281ECS/R Datasheet HTML 49Page - Cirrus Logic WM8281ECS/R Datasheet HTML 50Page - Cirrus Logic WM8281ECS/R Datasheet HTML 51Page - Cirrus Logic WM8281ECS/R Datasheet HTML 52Page - Cirrus Logic WM8281ECS/R Datasheet HTML 53Page - Cirrus Logic WM8281ECS/R Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 392 page
background image
WM8281
50
Rev 4.0
INPUT SIGNAL PATH ENABLE
The input signal paths are enabled using the register bits described in Table 2. The respective bit(s)
must be enabled for analogue or digital input on the respective input path(s).
The input signal paths are muted by default. It is recommended that de-selecting the mute should be
the final step of the path enable control sequence. Similarly, the mute should be selected as the first
step of the path disable control sequence. The input signal path mute functions are controlled using
the register bits described in Table 4.
The MICVDD power domain must be enabled when using the analogue input signal path(s). This
power domain is provided using an internal Charge Pump (CP2) and LDO Regulator (LDO2). See
“Charge Pumps, Regulators and Voltage Reference” for details of these circuits.
The system clock, SYSCLK, must be configured and enabled before any audio path is enabled. The
ASYNCCLK and 32kHz clock may also be required, depending on the path configuration. See
“Clocking and Sample Rates” for details of the system clocks.
The WM8281 performs automatic checks to confirm that the SYSCLK frequency is high enough to
support the input signal paths and associated ADCs. If an attempt is made to enable an input signal
path, and there are insufficient SYSCLK cycles to support it, then the attempt will be unsuccessful.
(Note that any signal paths that are already active will not be affected under these circumstances.)
The Underclocked Error condition can be monitored using the GPIO and/or Interrupt functions. See
“General Purpose Input / Output” and “Interrupts” for further details.
The status bits in Register R769 indicate the status of each of the input signal paths. If an
Underclocked Error condition occurs, then these bits provide readback of which input signal path(s)
have been successfully enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R768
(0300h)
Input
Enables
7
IN4L_ENA
0
Input Path 4 (Left) Enable
0 = Disabled
1 = Enabled
6
IN4R_ENA
0
Input Path 4 (Right) Enable
0 = Disabled
1 = Enabled
5
IN3L_ENA
0
Input Path 3 (Left) Enable
0 = Disabled
1 = Enabled
4
IN3R_ENA
0
Input Path 3 (Right) Enable
0 = Disabled
1 = Enabled
3
IN2L_ENA
0
Input Path 2 (Left) Enable
0 = Disabled
1 = Enabled
2
IN2R_ENA
0
Input Path 2 (Right) Enable
0 = Disabled
1 = Enabled
1
IN1L_ENA
0
Input Path 1 (Left) Enable
0 = Disabled
1 = Enabled
0
IN1R_ENA
0
Input Path 1 (Right) Enable
0 = Disabled
1 = Enabled
R769
(0301h)
Input
Enables
Status
7
IN4L_ENA_STS
0
Input Path 4 (Left) Enable Status
0 = Disabled
1 = Enabled
6
IN4R_ENA_STS
0
Input Path 4 (Right) Enable Status
0 = Disabled
1 = Enabled
5
IN3L_ENA_STS
0
Input Path 3 (Left) Enable Status
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com