Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 51 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 51 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 47Page - Cirrus Logic WM8281ECS/R Datasheet HTML 48Page - Cirrus Logic WM8281ECS/R Datasheet HTML 49Page - Cirrus Logic WM8281ECS/R Datasheet HTML 50Page - Cirrus Logic WM8281ECS/R Datasheet HTML 51Page - Cirrus Logic WM8281ECS/R Datasheet HTML 52Page - Cirrus Logic WM8281ECS/R Datasheet HTML 53Page - Cirrus Logic WM8281ECS/R Datasheet HTML 54Page - Cirrus Logic WM8281ECS/R Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 392 page
background image
WM8281
Rev 4.0
51
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4
IN3R_ENA_STS
0
Input Path 3 (Right) Enable Status
0 = Disabled
1 = Enabled
3
IN2L_ENA_STS
0
Input Path 2 (Left) Enable Status
0 = Disabled
1 = Enabled
2
IN2R_ENA_STS
0
Input Path 2 (Right) Enable Status
0 = Disabled
1 = Enabled
1
IN1L_ENA_STS
0
Input Path 1 (Left) Enable Status
0 = Disabled
1 = Enabled
0
IN1R_ENA_STS
0
Input Path 1 (Right) Enable Status
0 = Disabled
1 = Enabled
Table 2 Input Signal Path Enable
INPUT SIGNAL PATH SAMPLE RATE CONTROL
The input signal paths may be selected as input to the digital mixers or signal processing functions
within the WM8281 digital core. The sample rate for the input signal paths is configured using the
IN_RATE register - see Table 23
within the “Digital Core” section.
Note that sample rate conversion is required when routing the input signal paths to any signal chain
that is asynchronous and/or configured for a different sample rate.
INPUT SIGNAL PATH CONFIGURATION
The WM8281 supports eight input signal paths. Each pair of inputs (IN1, IN2 and IN3) can be
configured as single-ended, differential, or digital microphone configuration. Note that the mode is
configurable for each stereo pair of inputs; the Left and Right channels of any pair of inputs are
always in the same mode. The IN4 signal path supports digital microphone input only.
The input signal path configuration is selected using the INn_MODE registers
(where ‘n’ identifies the
associated input). The external circuit configurations are illustrated on the previous pages.
A configurable high pass filter (HPF) is provided on the left and right channels of each input path. The
applicable cut-off frequency is selected using the IN_HPF_CUT register. The filter can be enabled on
each path independently using the INnx_HPF bits.
The analogue input signal paths (single-ended or differential) each incorporate a PGA to provide gain
in the range 0dB to +31dB in 1dB steps. Note that these PGAs do not provide pop suppression
functions; it is recommended that the gain should not be adjusted whilst the respective signal path is
enabled.
The analogue input PGA gain is controlled using the INnL_PGA_VOL and INnR_PGA_VOL registers.
Note that separate volume control is provided for the Left and Right channels of each stereo pair.
When the input signal path is configured for digital microphone input, the voltage reference for the
associated input/output pins is selectable using the INn_DMIC_SUP registers - each interface may be
referenced to MICVDD, or to the MICBIAS1, MICBIAS2 or MICBIAS3 levels.
When the input signal path is configured for digital microphone input, the respective DMICCLKn
frequency can be configured using the INn_OSR register bits. Note that, if a digital microphone path is
selected as a source for the Rx ANC function (see Table 6), the respective DMICCLKn frequency will
be 3.072MHz, regardless of the INn_OSR setting.
A digital delay may be applied to any of the digital microphone input channels. This feature can be
used for phase adjustment of any digital input, including directional control of multiple microphones.
The delay is controlled using the INnL_DMIC_DLY and INnR_DMIC_DLY registers.
The MICVDD voltage is generated by an internal Charge Pump and LDO Regulator. The MICBIAS1,
MICBIAS2 and MICBIAS3 outputs are derived from MICVDD -
see “Charge Pumps, Regulators and
Voltage Reference
”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com