Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 92 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 92 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 88Page - Cirrus Logic WM8281ECS/R Datasheet HTML 89Page - Cirrus Logic WM8281ECS/R Datasheet HTML 90Page - Cirrus Logic WM8281ECS/R Datasheet HTML 91Page - Cirrus Logic WM8281ECS/R Datasheet HTML 92Page - Cirrus Logic WM8281ECS/R Datasheet HTML 93Page - Cirrus Logic WM8281ECS/R Datasheet HTML 94Page - Cirrus Logic WM8281ECS/R Datasheet HTML 95Page - Cirrus Logic WM8281ECS/R Datasheet HTML 96Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 392 page
background image
WM8281
92
Rev 4.0
DIGITAL CORE DSP
The digital core provides four programmable DSP processing blocks as illustrated in Figure 33. Each
block supports 8 inputs (Left, Right, Aux1, Aux2, … Aux6). A 4-input mixer is associated with the Left
and Right inputs, providing further expansion of the number of input paths. Each of the input sources
is selectable, and independent volume control is provided for Left and Right input mixer channels.
Each DSP block supports 6 outputs.
The functionality of the DSP processing blocks is not fixed, and a wide range of audio enhancements
algorithms may be performed. The procedure for configuring the WM8281 DSP functions is tailored to
each customer’s application; please contact your local Cirrus Logic representative for more details.
For details of the DSP Firmware requirements relating to clocking, register access, and code
execution, refer to the “DSP Firmware Control” section.
DSPnLMIX_VOL2
DSPnLMIX_VOL3
DSPnLMIX_VOL4
+
DSPnLMIX_VOL1
DSPnLMIX_SRC1
DSPnLMIX_SRC3
DSPnLMIX_SRC4
DSPnLMIX_SRC2
DSPnRMIX_VOL2
DSPnRMIX_VOL3
DSPnRMIX_VOL4
+
DSPnRMIX_VOL1
DSPnRMIX_SRC1
DSPnRMIX_SRC3
DSPnRMIX_SRC4
DSPnRMIX_SRC2
DSP n
DSPn Channel 1
DSPn Channel 2
DSPn Channel 3
DSPn Channel 4
DSPn Channel 5
DSPn Channel 6
WM8281 supports 4 DSP blocks, ie. n = 1, 2, 3 or 4
DSP1 Outputs:
(68h, 69h, 6Ah,
6Bh, 6Ch, 6Dh)
DSP2 Outputs:
(70h, 71h, 72h,
73h, 74h, 75h)
DSP3 Outputs:
(78h, 79h, 7Ah,
7Bh, 7Ch, 7Dh)
DSP4 Outputs:
(80h, 81h, 82h,
83h, 84h, 85h)
Figure 33 Digital Core DSP Blocks
The DSP1, DSP2, DSP 3 and DSP4 mixer / input control registers (see Figure 33) are located at
register addresses R2368 (940h) through to R2616 (A38h).
The full list of digital mixer control registers is provided in the
“Register Map” section (Register R1600
through to R3000). Generic register definitions are provided in Table 8.
The *_SRCn registers select the input source(s) for the respective DSP processing blocks. Note that
the selected input source(s) must be configured for the same sample rate as the DSP to which they
are connected. Sample rate conversion functions are available to support flexible interconnectivity -
see “Asynchronous Sample Rate Converter (ASRC)” and “Isochronous Sample Rate Converter
(ISRC)
”.
The bracketed numbers in Figure 33, eg
. “(68h)” indicate the corresponding *_SRCn register setting
for selection of that signal as an input to another digital core function.
The sample rate for each of the DSP functions is configured using the respective DSPn_RATE
registers - see Table 23. Sample rate conversion is required when routing the DSPn signal paths to
any signal chain that is asynchronous and/or configured for a different sample rate.
The WM8281 performs automatic checks to confirm that the SYSCLK frequency is high enough to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com