Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 108 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 108 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 104Page - Cirrus Logic WM8281ECS/R Datasheet HTML 105Page - Cirrus Logic WM8281ECS/R Datasheet HTML 106Page - Cirrus Logic WM8281ECS/R Datasheet HTML 107Page - Cirrus Logic WM8281ECS/R Datasheet HTML 108Page - Cirrus Logic WM8281ECS/R Datasheet HTML 109Page - Cirrus Logic WM8281ECS/R Datasheet HTML 110Page - Cirrus Logic WM8281ECS/R Datasheet HTML 111Page - Cirrus Logic WM8281ECS/R Datasheet HTML 112Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 392 page
background image
WM8281
108
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1511
(05E7h)
SLIMbus
Rates 3
14:11
SLIMRX6_RATE
[3:0]
0000
SLIMbus RX Channel 6 Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 4kHz to 192kHz.
6:3
SLIMRX5_RATE
[3:0]
0000
SLIMbus RX Channel 5 Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 4kHz to 192kHz.
R1512
(05E8h)
SLIMbus
Rates 4
14:11
SLIMRX8_RATE
[3:0]
0000
SLIMbus RX Channel 8 Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 4kHz to 192kHz.
6:3
SLIMRX7_RATE
[3:0]
0000
SLIMbus RX Channel 7 Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 4kHz to 192kHz.
R1513
(05E9h)
SLIMbus
Rates 5
14:11
SLIMTX2_RATE
[3:0]
0000
SLIMbus TX Channel 2 Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 4kHz to 192kHz.
All SLIMTX2MIX_SRCn registers should
be set to 00h before changing
SLIMTX2_RATE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com