Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 112 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 112 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 108Page - Cirrus Logic WM8281ECS/R Datasheet HTML 109Page - Cirrus Logic WM8281ECS/R Datasheet HTML 110Page - Cirrus Logic WM8281ECS/R Datasheet HTML 111Page - Cirrus Logic WM8281ECS/R Datasheet HTML 112Page - Cirrus Logic WM8281ECS/R Datasheet HTML 113Page - Cirrus Logic WM8281ECS/R Datasheet HTML 114Page - Cirrus Logic WM8281ECS/R Datasheet HTML 115Page - Cirrus Logic WM8281ECS/R Datasheet HTML 116Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 392 page
background image
WM8281
112
Rev 4.0
ASYNCHRONOUS SAMPLE RATE CONVERTER (ASRC)
The WM8281 supports multiple signal paths through the digital core. Two independent clock domains
are supported, referenced to SYSCLK and ASYNCCLK respe
ctively, as described in “Clocking and
Sample Rates
”. Every digital signal path must be synchronised either to SYSCLK or to ASYNCCLK.
The Asynchronous Sample Rate Converter (ASRC) provides two stereo signal paths between the
SYSCLK and ASYNCCLK domains, as illustrated in Figure 40.
The sample rate on the SYSCLK domain is selected using the ASRC_RATE1 register - the rate can
be set equal to SAMPLE_RATE_1, SAMPLE_RATE_2 or SAMPLE_RATE_3.
The sample rate on the ASYNCCLK domain is selected using the ASRC_RATE2 register - the rate
can be set equal to ASYNC_SAMPLE_RATE_1 or ASYNC_SAMPLE_RATE_2.
See “Clocking and Sample Rates” for details of the sample rate control registers.
The ASRC_RATE1 and ASRC_RATE2 registers should not be changed if any of the respective
*_SRCn registers is non-zero. The associated *_SRCn registers should be cleared to 00h before
writing new values to ASRC_RATE1 or ASRC_RATE2. A minimum delay of 125µs should be allowed
between clearing the *_SRCn registers and writing to the associated ASRC_RATE1 or ASRC_RATE2
registers. See Table 24 for further details.
The ASRC supports sample rates in the range 8kHz to 48kHz only. The applicable SAMPLE_RATE_n
and ASYNC_SAMPLE_RATE_n registers must each select sample rates between 8kHz and 48kHz
when any ASRC path is enabled.
The ASRC1 Left and ASRC1 Right paths convert from the SYSCLK domain to the ASYNCCLK
domain. These paths are enabled using the ASRC1L_ENA and ASRC1R_ENA register bits
respectively.
The ASRC2 Left and ASRC2 Right paths convert from the ASYNCCLK domain to the SYSCLK
domain. These paths are enabled using the ASRC2L_ENA and ASRC2R_ENA register bits
respectively.
Synchronisation (lock) between different clock domains is not instantaneous when the clocking or
sample rate configurations are updated. The lock status of each ASRC path is an input to the Interrupt
control circuit and can be used to trigger an Interrupt event -
see “Interrupts”.
The ASRC Lock status of each ASRC path can be output directly on a GPIO pin as an external
indication of ASRC Lock. See “General Purpose Input / Output” to configure a GPIO pin for this
function.
The WM8281 performs automatic checks to confirm that the SYSCLK or ASYNCCLK frequency is
high enough to support the commanded ASRC and digital mixing functions. If an attempt is made to
enable an ASRC signal path, and there are insufficient SYSCLK or ASYNCLK cycles to support it,
then the attempt will be unsuccessful. (Note that any signal paths that are already active will not be
affected under these circumstances.)
The Underclocked Error
can be monitored using the GPIO and/or Interrupt functions. See “General
Purpose Input / Output
” and “Interrupts” for further details.
The status bits in Register R3809 indicate the status of each of the ASRC signal paths. If an
Underclocked Error condition occurs, then these bits provide readback of which ASRC signal path(s)
have been successfully enabled.
The status bits in Registers R1600 to R3000 indicate the status of each of the digital mixers. If an
Underclocked Error condition occurs, then these bits provide readback of which mixer(s) have been
successfully enabled.
The Asynchronous Sample Rate Converter (ASRC) signal paths and control registers are illustrated in
Figure 40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com