Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 113 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 113 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 109Page - Cirrus Logic WM8281ECS/R Datasheet HTML 110Page - Cirrus Logic WM8281ECS/R Datasheet HTML 111Page - Cirrus Logic WM8281ECS/R Datasheet HTML 112Page - Cirrus Logic WM8281ECS/R Datasheet HTML 113Page - Cirrus Logic WM8281ECS/R Datasheet HTML 114Page - Cirrus Logic WM8281ECS/R Datasheet HTML 115Page - Cirrus Logic WM8281ECS/R Datasheet HTML 116Page - Cirrus Logic WM8281ECS/R Datasheet HTML 117Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 392 page
background image
WM8281
Rev 4.0
113
ASRC1R_ENA
ASRC1L_ENA
ASRC1L_SRC
ASRC1R_SRC
ASRC1 Left (90h)
ASRC1 Right (91h)
ASRC2R_ENA
ASRC2L_ENA
ASRC2L_SRC
ASRC2R_SRC
ASRC2 Left (92h)
ASRC2 Right (93h)
ASRC_RATE1
(= SAMPLE_RATE_n)
ASRC_RATE2
(= ASYNC_SAMPLE_RATE_n)
The ASRC provides asynchronous conversion between the SYSCLK and ASYNCCLK CLOCK domains.
ASRC_RATE1 identifies the SYSCLK-related sample rate (SAMPLE_RATE_n).
ASRC_RATE2 identifies the ASYNCCLK-related sample rate (ASYNC_SAMPLE_RATE_n).
Figure 40 Asynchronous Sample Rate Converters (ASRCs)
The ASRC1 and ASRC2 input control registers (see Figure 40) are located at register addresses
R2688 (A80h) through to R2712 (A98h).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600
through to R3000). Generic register definitions are provided in Table 8.
The *_SRCn registers select the input source(s) for the respective ASRC processing blocks. Note that
the selected input source(s) must be configured for the same sample rate as the ASRC to which they
are connected.
The bracketed numbers in Figure 40
, eg. “(90h)” indicate the corresponding *_SRCn register setting
for selection of that signal as an input to another digital core function.
The register bits associated with the ASRCs are described in Table 24.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3808
(0EE0h)
ASRC_EN
ABLE
3
ASRC2L_ENA
0
ASRC2 Left Enable
(Left ASRC channel from ASYNCCLK
domain to SYSCLK domain)
0 = Disabled
1 = Enabled
2
ASRC2R_ENA
0
ASRC2 Right Enable
(Right ASRC channel from ASYNCCLK
domain to SYSCLK domain)
0 = Disabled
1 = Enabled
1
ASRC1L_ENA
0
ASRC1 Left Enable
(Left ASRC channel from ASYNCCLK
domain to SYSCLK domain)
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com