Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 114 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 114 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 110Page - Cirrus Logic WM8281ECS/R Datasheet HTML 111Page - Cirrus Logic WM8281ECS/R Datasheet HTML 112Page - Cirrus Logic WM8281ECS/R Datasheet HTML 113Page - Cirrus Logic WM8281ECS/R Datasheet HTML 114Page - Cirrus Logic WM8281ECS/R Datasheet HTML 115Page - Cirrus Logic WM8281ECS/R Datasheet HTML 116Page - Cirrus Logic WM8281ECS/R Datasheet HTML 117Page - Cirrus Logic WM8281ECS/R Datasheet HTML 118Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 392 page
background image
WM8281
114
Rev 4.0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
ASRC1R_ENA
0
ASRC1 Right Enable
(Right ASRC channel from ASYNCCLK
domain to SYSCLK domain)
0 = Disabled
1 = Enabled
R3809
(0EE1h)
ASRC_ST
ATUS
3
ASRC2L_ENA_S
TS
0
ASRC2 Left Enable Status
(Left ASRC channel from ASYNCCLK
domain to SYSCLK domain)
0 = Disabled
1 = Enabled
2
ASRC2R_ENA_S
TS
0
ASRC2 Right Enable Status
(Right ASRC channel from ASYNCCLK
domain to SYSCLK domain)
0 = Disabled
1 = Enabled
1
ASRC1L_ENA_S
TS
0
ASRC1 Left Enable Status
(Left ASRC channel from ASYNCCLK
domain to SYSCLK domain)
0 = Disabled
1 = Enabled
0
ASRC1R_ENA_S
TS
0
ASRC1 Right Enable Status
(Right ASRC channel from ASYNCCLK
domain to SYSCLK domain)
0 = Disabled
1 = Enabled
R3810
(0EE2h)
ASRC_RA
TE1
14:11
ASRC_RATE1
[3:0]
0000
ASRC Sample Rate select for SYSCLK
domain
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
All other codes are Reserved.
The selected sample rate is valid in the
range 8kHz to 48kHz.
The ASRC_IN1L_SRC and
ASRC_IN1R_SRC registers should be set
to 00h before ASRC_RATE1.
R3811
(0EE3h)
ASRC_RA
TE2
14:11
ASRC_RATE2
[3:0]
1000
ASRC Sample Rate select for
ASYNCCLK domain
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 8kHz to 48kHz.
The ASRC_IN2L_SRC and
ASRC_IN2R_SRC registers should be set
to 00h before ASRC_RATE2.
Table 24 Digital Core ASRC Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com