Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 117 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 117 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 113Page - Cirrus Logic WM8281ECS/R Datasheet HTML 114Page - Cirrus Logic WM8281ECS/R Datasheet HTML 115Page - Cirrus Logic WM8281ECS/R Datasheet HTML 116Page - Cirrus Logic WM8281ECS/R Datasheet HTML 117Page - Cirrus Logic WM8281ECS/R Datasheet HTML 118Page - Cirrus Logic WM8281ECS/R Datasheet HTML 119Page - Cirrus Logic WM8281ECS/R Datasheet HTML 120Page - Cirrus Logic WM8281ECS/R Datasheet HTML 121Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 392 page
background image
WM8281
Rev 4.0
117
The ISRC input control registers (see Figure 41) are located at register addresses R2816 (B00h)
through to R3000 (0BB8h).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600
through to R3000). Generic register definitions are provided in Table 8.
The *_SRC registers select the input source(s) for the respective ISRC processing blocks. Note that
the selected input source(s) must be configured for the same sample rate as the ISRC to which they
are connected.
The bracketed numbers in Figure 41
, eg. “(A4h)” indicate the corresponding *_SRC register setting for
selection of that signal as an input to another digital core function.
The register bits associated with the ISRCs are described in Table 25.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3824
(0EF0h)
ISRC 1
CTRL 1
14:11
ISRC1_FSH [3:0]
0000
ISRC1 High Sample Rate
(Sets the higher of the ISRC1 sample
rates)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 8kHz to 192kHz.
The ISRC1_FSH and ISRC1_FSL fields
must both select sample rates referenced
to the same clock domain (SYSCLK or
ASYNCCLK).
All ISRC1_DECn_SRC registers should
be set to 00h before changing
ISRC1_FSH.
R3825
(0EF1h)
ISRC 1
CTRL 2
14:11
ISRC1_FSL [3:0]
0000
ISRC1 Low Sample Rate
(Sets the lower of the ISRC1 sample
rates)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 8kHz to 192kHz.
The ISRC1_FSH and ISRC1_FSL fields
must both select sample rates referenced
to the same clock domain (SYSCLK or
ASYNCCLK).
All ISRC1_INTn_SRC registers should be
set to 00h before changing ISRC1_FSL.
R3826
(0EF2h)
ISRC 1
CTRL 3
15
ISRC1_INT1_EN
A
0
ISRC1 INT1 Enable
(Interpolation Channel 1 path from
ISRC1_FSL rate to ISRC1_FSH rate)
0 = Disabled
1 = Enabled
14
ISRC1_INT2_EN
A
0
ISRC1 INT2 Enable
(Interpolation Channel 2 path from
ISRC1_FSL rate to ISRC1_FSH rate)
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com