Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 115 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 115 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 111Page - Cirrus Logic WM8281ECS/R Datasheet HTML 112Page - Cirrus Logic WM8281ECS/R Datasheet HTML 113Page - Cirrus Logic WM8281ECS/R Datasheet HTML 114Page - Cirrus Logic WM8281ECS/R Datasheet HTML 115Page - Cirrus Logic WM8281ECS/R Datasheet HTML 116Page - Cirrus Logic WM8281ECS/R Datasheet HTML 117Page - Cirrus Logic WM8281ECS/R Datasheet HTML 118Page - Cirrus Logic WM8281ECS/R Datasheet HTML 119Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 392 page
background image
WM8281
Rev 4.0
115
ISOCHRONOUS SAMPLE RATE CONVERTER (ISRC)
The WM8281 supports multiple signal paths through the digital core. The Isochronous Sample Rate
Converters (ISRCs) provide sample rate conversion between synchronised sample rates on the
SYSCLK clock domain, or between synchronised sample rates on the ASYNCCLK clock domain.
There are three Isochronous Sample Rate Converters (ISRCs). Each of these provides four signal
paths between two different sample rates, as illustrated in Figure 41.
The sample rates associated with each ISRC can be set independently. Note that the two sample
rates associated with any single ISRC must both be referenced to the same clock domain (SYSCLK
or ASYNCCLK).
When an ISRC is used on the SYSCLK domain, then the associated sample rates may be selected
from SAMPLE_RATE_1, SAMPLE_RATE_2 or SAMPLE_RATE_3.
When an ISRC is used on the ASYNCCLK domain, then the associated sample rates are
ASYNC_SAMPLE_RATE_1 and ASYNC_SAMPLE_RATE_2.
See “Clocking and Sample Rates” for details of the sample rate control registers.
Each ISRC supports sample rates in the range 8kHz to 192kHz. The higher of the sample rates
associated with each ISRC must be an integer multiple of the lower sample rate; all possible integer
ratios are supported (ie. up to 24).
Each ISRC converts between a sample rate selected by ISRCn_FSL and a sample rate selected by
ISRCn_FSH, (where ‘n’ identifies the applicable ISRC 1, 2 or 3). Note that, in each case, the higher of
the two sample rates must be selected by ISRCn_FSH.
The ISRCn_FSL and ISRCn_FSH registers should not be changed if any of the respective *_SRCn
registers is non-zero. The associated *_SRCn registers should be cleared to 00h before writing new
values to ISRCn_FSL or ISRCn_FSH. A minimum delay of 125µs should be allowed between clearing
the *_SRCn registers and writing to the associated ISRCn_FSL or ISRCn_FSH registers. See Table
25 for further details.
The ISRCn ‘interpolation’ paths (increasing sample rate) are enabled using the ISRCn_INT1_ENA,
ISRCn_INT2_ENA, ISRCn_INT3_ENA and ISRCn_INT4_ENA register bits.
The ISRCn ‘decimation’ paths (decreasing sample rate) are enabled using the ISRCn_DEC1_ENA,
ISRCn_DEC2_ENA, ISRCn_DEC3_ENA and ISRCn_DEC4_ENA register bits.
A
notch
filter
is
provided
in
each
of
the
ISRC
paths;
these
are
enabled
using
the
ISRCn_NOTCH_ENA bits. The filter is configured automatically according to the applicable sample
rate(s). It is recommended to enable the filter for typical applications. Disabling the filter will provide
maximum ‘pass’ bandwidth, at the expense of degraded stopband attenuation.
The WM8281 performs automatic checks to confirm that the SYSCLK frequency is high enough to
support the commanded ISRC and digital mixing functions. If an attempt is made to enable an ISRC
signal path, and there are insufficient SYSCLK cycles to support it, then the attempt will be
unsuccessful. (Note that any signal paths that are already active will not be affected under these
circumstances.)
The Underclocked Error condition can be monitored using the GPIO and/or Interrupt functions. See
“General Purpose Input / Output” and “Interrupts” for further details.
The status bits in Registers R1600 to R3000 indicate the status of each of the digital mixers. If an
Underclocked Error condition occurs, then these bits provide readback of which mixer(s) have been
successfully enabled.
The Isochronous Sample Rate Converter (ISRC) signal paths and control registers are illustrated in
Figure 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com