Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8281ECS/R Datasheet(PDF) 105 Page - Cirrus Logic

Part # WM8281ECS/R
Description  Low Power Audio System with Ambient Noise Cancellation and Echo Cancellation
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8281ECS/R Datasheet(HTML) 105 Page - Cirrus Logic

Back Button WM8281ECS/R Datasheet HTML 101Page - Cirrus Logic WM8281ECS/R Datasheet HTML 102Page - Cirrus Logic WM8281ECS/R Datasheet HTML 103Page - Cirrus Logic WM8281ECS/R Datasheet HTML 104Page - Cirrus Logic WM8281ECS/R Datasheet HTML 105Page - Cirrus Logic WM8281ECS/R Datasheet HTML 106Page - Cirrus Logic WM8281ECS/R Datasheet HTML 107Page - Cirrus Logic WM8281ECS/R Datasheet HTML 108Page - Cirrus Logic WM8281ECS/R Datasheet HTML 109Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 392 page
background image
WM8281
Rev 4.0
105
The EQ, LHPF and DRC functions can be enabled in any signal path within the digital core. The
sample rate for these functions is configured using the FX_RATE register. Note that the EQ, DRC and
LHPF functions must all be configured for the same sample rate.
The DSPn functions can be enabled in any signal path within the digital core. The applicable sample
rates are configured using the DSP1_RATE, DSP2_RATE, DSP3_RATE and DSP4_RATE registers.
The tone generators and noise generator can be selected as input to any of the digital mixers or
signal processing functions. The sample rates for these sources are configured using the
TONE_RATE and NOISE_GEN_RATE registers respectively.
The haptic signal generator can be used to control an external vibe actuator, which can be driven
directly by the Class D speaker output. The sample rate for the haptic signal generator is configured
using the HAP_RATE register.
The PWM signal generators can be modulated by an audio source, derived from the associated signal
mixers. The sample rate (cycle time) for the PWM signal generators is configured using the
PWM_RATE register.
The sample rate control registers are described in Table 23. Refer to the register descriptions for
details of the valid selections in each case. Note that the input (ADC) and output (DAC) signal paths
must always be associated with the SYSCLK clocking domain; different sample rates may be selected
concurrently, but both these rates must be synchronised to SYSCLK.
The control registers associated with the ASRC and ISRCs are described in Table 24 and Table 25
respectively within the following sections.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32
(0020h)
Tone
Generator
1
14:11
TONE_RATE
[3:0]
0000
Tone Generator Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 8kHz to 192kHz.
R48
(0030h)
PWM
Drive 1
14:11
PWM_RATE [3:0]
0000
PWM Frequency (sample rate)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 4kHz to 192kHz.
All PWMnMIX_SRCm registers should be
set to 00h before changing PWM_RATE.
R112
0070h)
Comfort
Noise
Generator
14:11
NOISE_GEN_RA
TE [3:0]
0000
Noise Generator Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 4kHz to 192kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com