Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 29 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 29 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 25Page - Analog Devices HMC1197LP7FE Datasheet HTML 26Page - Analog Devices HMC1197LP7FE Datasheet HTML 27Page - Analog Devices HMC1197LP7FE Datasheet HTML 28Page - Analog Devices HMC1197LP7FE Datasheet HTML 29Page - Analog Devices HMC1197LP7FE Datasheet HTML 30Page - Analog Devices HMC1197LP7FE Datasheet HTML 31Page - Analog Devices HMC1197LP7FE Datasheet HTML 32Page - Analog Devices HMC1197LP7FE Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
29
Reg 04h
= round(0.1 x 224) = round(1677721.6) = 1677722
fVCO =
(56 +
) = 2805 MHz + 1.192 Hz error
1677722
224
50e6
1
(EQ 14)
fout =
= 1402.5 MHz + 0.596 Hz error
fVCO
2
(EQ 15)
In this example the output frequency of 1402.5 MHz is achieved by programming the 19-bit binary value
of 56d = 38h into intg_reg in Reg 03h, and the 24-bit binary value of 1677722d = 19999Ah into frac_reg in
Reg 04h. The 0.596 Hz quantization error can be eliminated using the exact frequency mode if required.
In this example the VCO output fundamental 2805 MHz is divided by 2 (Reg 16h[5:0] = 2h) = 1402.5 MHz.
1.3.7.5 exact Frequency tuning
Due to quantization effects, the absolute frequency precision of a fractional PLL is normally limited by
the number of bits in the fractional modulator. For example, a 24 bit fractional modulator has frequency
resolution set by the phase detector (PD ) comparison rate divided by 224. The value 224 in the denominator
is sometimes referred to as the modulus. Hittite PLLs use a fixed modulus which is a binary number. In
some types of fractional PLLs the modulus is variable, which allows exact frequency steps to be achieved
with decimal step sizes. Unfortunately small steps using small modulus values results in large spurious
outputs at multiples of the modulus period (channel step size). For this reason Hittite PLLs use a large
fixed modulus. Normally, the step size is set by the size of the fixed modulus. In the case of a 50 MHz PD
rate, a modulus of 224 would result in a 2.98 Hz step resolution, or 0.0596 ppm. In some applications it is
necessary to have exact frequency steps, and even an error of 3 Hz cannot be tolerated.
Fractional PLLs are able to generate exact frequencies (with zero frequency error) if N can be
exactly represented in binary (eg. N = 50.0,50.5,50.25,50.75 etc.). Unfortunately, some common
frequencies cannot be exactly represented. For example, Nfrac = 0.1 = 1/10 must be approximated as
round((0.1 x 224)/ 224 ) ≈ 0.100000024. At fPD = 50 MHz this translates to 1.2 Hz error. Hittite’s exact
frequency mode addresses this issue, and can eliminate quantization error by programming the channel
step size to FPD/10 in Reg 0Ch to 10 (in this example). More generally, this feature can be used whenever
the desired frequency, fVCO, can be exactly represented on a step plan where there are an integer number
of steps (<224) across integer-N boundaries. Mathematically, this situation is satisfied if:




=
=
≥
gcd
gcd
gcd
1
24
mod
0 where
gcd(
,
)
2
PD
PD
VCOk
VCO
f
f
f
f
f
f
and f
(EQ 16)
Where:
gcd stands for Greatest Common Divisor
fN = maximum integer boundary frequency < fVCO1
fPD = frequency of the Phase Detector
and fVCOk are the channel step frequencies where 0 < k < 224-1, As shown in Figure 40.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com