Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 40 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 40 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 36Page - Analog Devices HMC1197LP7FE Datasheet HTML 37Page - Analog Devices HMC1197LP7FE Datasheet HTML 38Page - Analog Devices HMC1197LP7FE Datasheet HTML 39Page - Analog Devices HMC1197LP7FE Datasheet HTML 40Page - Analog Devices HMC1197LP7FE Datasheet HTML 41Page - Analog Devices HMC1197LP7FE Datasheet HTML 42Page - Analog Devices HMC1197LP7FE Datasheet HTML 43Page - Analog Devices HMC1197LP7FE Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
40
2.9
reg 07h lock detect register deFault 200844 h
Bit
Type
Name
Width
Default
Description
[2:0]
R/W
lkd_wincnt_max
3
4
lock detect window
sets the number of consecutive counts of divided VCO that
must land inside the Lock Detect Window to declare LOCK
0: 5
1: 32
2: 96
3: 256
4: 512
5: 2048
6: 8192
7: 65535
[10:3]
R/W
Reserved
8
8
Reserved
[11]
R/W
LD Enable
1
1
0: LD disable
1: LD enable
[19:12]
R/W
Reserved
8
0
Reserved
[20]
R/W
Lock Detect Training
9
0
0 to 1 transition triggers the training. Lock Detect Training
is only required after changing Phase Detector frequency.
After changing PD frequency a toggle Reg 07h[20] from 0
to 1 retrains the Lock Detect.
[21]
R/W
CSP Enable
1
1
Cycle Slip Prevention enable.
When enabled, if the phase error becomes larger than
approx 70% of the PFD period, the charge-pump gain is
increased by approx 6mA for the duration of the cycle..
[23:22]
R/W
Reserved
2
0
Reserved
2.10
reg 08h analog en register deFault 1bFFF h
Bit
Type
Name
Width
Default
Description
[4:0]
R/W
Reserved
5
31d
Reserved
[5]
R/W
GPO(General Purpose Output Pin
Enable)
1
1d
0 - Pin LD_SDO disabled
1 - and RegFh[7]=1 , Pin LD_SDO is always driven, this is
required for use of GPO port
1 - and RegFh[7]=0 LDO_SPI is off if chip address
not equal to ‘000’b, allowing a shared SPI with other
compatible parts
[9:6]
R/W
Reserved
4
15d
Reserved
[10]
R/W
VCO Buffer and Prescaler
Bias Enable
1
1d
0: VCO Buffer and Prescaler Bias Disable
1: VCO Buffer and Prescaler Bias Enable
Only applies to External VCO
[20:11]
R/W
Reserved
10
55d
Reserved
[21]
R/W
High Frequency Reference
1
0
Program to 1 for XTAL > 200 MHz, 0 otherwise
[22]
R/W
SDO Output Level
1
0d
Output Logic Level on LD/SDO pin
0: 1.8 V Logic Levels
1: DVDD3V Logic Level
[23]
R/W
Reserved
1
0d
Reserved
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com