Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 3 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 3 Page - Analog Devices

  HMC1197LP7FE Datasheet HTML 1Page - Analog Devices HMC1197LP7FE Datasheet HTML 2Page - Analog Devices HMC1197LP7FE Datasheet HTML 3Page - Analog Devices HMC1197LP7FE Datasheet HTML 4Page - Analog Devices HMC1197LP7FE Datasheet HTML 5Page - Analog Devices HMC1197LP7FE Datasheet HTML 6Page - Analog Devices HMC1197LP7FE Datasheet HTML 7Page - Analog Devices HMC1197LP7FE Datasheet HTML 8Page - Analog Devices HMC1197LP7FE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
3
table 2. electrical Specifications (Continued)
Parameter
Conditions
Min.
Typ.
Max.
Units
VCO Fundamental Frequency
2000
4100
MHz
VCO Output Divider
VCO Output Divider Range
1, 2, 4, .... 60, 62
1
62
PLL RF Divider Characteristics
19-Bit N Divider Range
Integer
16
524287
Fractional
20
524283
Phase Detector (PD)
PD Frequency
Fractional Mode
DC
100
MHz
Integer Mode
DC
100
MHz
Harmonics
fo Mode at 4000 MHz
2nd / 3rd / 4th
-30/-22/-32
dBc
VCO Output Divider
VCO RF Divider Range
1,2,4,6,8,...,62
1
62
PLL RF Divider Characteristics
19-Bit N-Divider Range (Integer)
Max = 219 - 1
16
524,287
19-Bit N-Divider Range (Fractional)
Fractional nominal divide ratio varies
(-3 / +4) dynamically max
20
524,283
REF Input Characteristics
Max Ref Input Frequency
350
MHz
Ref Input Voltage
AC Coupled
1
2
3.3
Vpp
Ref Input Capacitance
5
pF
14-Bit R-Divider Range
1
16,383
VCO Open Loop Phase Noise at fo @ 4 GHz
10 kHz Offset
-78
dBc/Hz
100 kHz Offset
-108
dBc/Hz
1 MHz Offset
-134.5
dBc/Hz
10 MHz Offset
-156
dBc/Hz
100 MHz Offset
-171
dBc/Hz
VCO Open Loop Phase Noise at fo @ 3 GHz/2 = 1.5 GHz
10 kHz Offset
-83
dBc/Hz
100 kHz Offset
-113
dBc/Hz
1 MHz Offset
-139.5
dBc/Hz
10 MHz Offset
-165.5
dBc/Hz
100 MHz Offset
-167
dBc/Hz
Figure of Merit
Floor Integer Mode
Normalized to 1 Hz
-230
dBc/Hz
Floor Fractional Mode
Normalized to 1 Hz
-227
dBc/Hz
Flicker (Both Modes)
Normalized to 1 Hz
-268
dBc/Hz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com