Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 30 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 30 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 26Page - Analog Devices HMC1197LP7FE Datasheet HTML 27Page - Analog Devices HMC1197LP7FE Datasheet HTML 28Page - Analog Devices HMC1197LP7FE Datasheet HTML 29Page - Analog Devices HMC1197LP7FE Datasheet HTML 30Page - Analog Devices HMC1197LP7FE Datasheet HTML 31Page - Analog Devices HMC1197LP7FE Datasheet HTML 32Page - Analog Devices HMC1197LP7FE Datasheet HTML 33Page - Analog Devices HMC1197LP7FE Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
30
Figure 40. Exact Frequency Tuning
Some fractional PLLs are able to achieve this by adjusting (shortening) the length of the Phase Accumulator
(the denominator or the modulus of the Delta-Sigma modulator) so that the Delta-Sigma modulator phase
accumulator repeats at an exact period related to the interval frequency (fVCOk - fVCO(k-1)) in Figure 40.
Consequently, the shortened accumulator results in more frequent repeating patterns and as a result often
leads to spurious emissions at multiples of the repeating pattern period, or at harmonic frequencies of
fVCOk - fVCO(k-1). For example, in some applications, these intervals might represent the spacing between
radio channels, and the spurious would occur at multiples of the channel spacing.
The Hittite method on the other hand is able to generate exact frequencies between adjacent integer-N
boundaries while still using the full 24 bit phase accumulator modulus, thus achieving exact frequency
steps with a high phase detector comparison rate, which allows Hittite PLLs to maintain excellent phase
noise and spurious performance in the Exact Frequency Mode.
1.3.7.6 using Hittite exact Frequency Mode
If the constraint in (EQ 16) is satisfied, HMC1197LP7FE is able to generate signals with zero frequency error
at the desired VCO frequency. Exact Frequency Mode may be re-configured for each target frequency, or
be set-up for a fixed fgcd which applies to all channels.
1.3.7.6.1.1
configuring exact Frequency Mode For a Particular Frequency
1.
Calculate and program the integer register setting Reg 03h = NINT = floor(fVCO/fPD), where the
floor function is the rounding down to the nearest integer. Then the integer boundary frequency
fN = NINT ∙ fPD
2.
Calculate and program the exact frequency register value Reg 0Ch = fPD/fgcd, where
fgcd = gcd(fVCO,fPD)
3.
Calculate and program the fractional register setting Reg 04h
(
)
24
2
ceil
N
VCOk
FRAC
PD
ff
N
f





−
=
, where ceil
is the ceiling function meaning “round up to the nearest integer.”
Example: To configure the HMC1197LP7FE for exact frequency mode at fVCO = 2800.2 MHz where Phase
Detector (PD) rate fPD = 61.44 MHz Proceed as follows:
Check (EQ 16) to confirm that the exact frequency mode for this fVCO is possible.
(
)
=
≥
×
=
×
×
=
×
>
=
gcd
gcd
24
6
6
6
3
gcd
24
gcd(
,
)
2
61.44 10
gcd 2800.2 10 ,61.44 10
120 10
3750
2
PD
PD
VCO
f
f
f
f
and f
f
Since (EQ 16) is satisfied, the HMC1197LP7FE can be configured for exact frequency mode at
fVCO = 2800.2 MHz as follows:
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com