Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 18 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 18 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 14Page - Analog Devices HMC1197LP7FE Datasheet HTML 15Page - Analog Devices HMC1197LP7FE Datasheet HTML 16Page - Analog Devices HMC1197LP7FE Datasheet HTML 17Page - Analog Devices HMC1197LP7FE Datasheet HTML 18Page - Analog Devices HMC1197LP7FE Datasheet HTML 19Page - Analog Devices HMC1197LP7FE Datasheet HTML 20Page - Analog Devices HMC1197LP7FE Datasheet HTML 21Page - Analog Devices HMC1197LP7FE Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
18
0
1
2
3
4
5
Calibrated at 85C, Measured at 85C
Calibrated at 85C, Measured at -40C
Calibrated at -40C, Measured at -40C
Calibrated at -40C, Measured at 85C
Calibrated at 27C, Measured at 27C
1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900 4100 4300
VCO FREQUENCY(MHz)
fmin
fmax
Figure 36. Typical VCO Tuning Voltage After Calibration
The calibration is normally run automatically once for every change of frequency. This ensures optimum
selection of VCO switch settings vs. time and temperature. The user does not normally have to be concerned
about which switch setting is used for a given frequency as this is handled by the AutoCal routine. The
accuracy required in the calibration affects the amount of time required to tune the VCO. The calibration
routine searches for the best step setting that locks the VCO at the current programmed frequency, and
ensures that the VCO will stay locked and perform well over it’s full temperature range without additional
calibration, regardless of the temperature that the VCO was calibrated at.
Auto-Calibration can also be disabled allowing manual VCO tuning. Refer to section 1.2.1.5 for a descrip-
tion of manual tuning.
1.2.1.2.2
auto-relock on lock detect Failure
It is possible by setting Reg 0Ah[17] to have the VCO subsystem automatically re-run the calibration
routine and re-lock itself if Lock Detect indicates an unlocked condition for any reason. With this option the
system will attempt to re-Lock only once.
1.2.1.3.3
Vco autocal on Frequency change
Assuming Reg 0Ah[11]=0, the VCO calibration starts automatically whenever a frequency change is
requested. If it is desired to rerun the AutoCal routine for any reason, at the same frequency, simply rewrite
the frequency change with the same value and the AutoCal routine will execute again without changing
final frequency.
1.2.1.4.4
Vco autocal time & accuracy
The VCO frequency is counted for Tmmt, the period of a single AutoCal measurement cycle.
T
mmt = Txtal · R · 2
n
(EQ 1)
n
is set by Reg 0Ah[2:0] and results in measurement periods which are multiples of the PD
period, TxtalR.
R
is the reference path division ratio currently in use, Reg 02h
Txtal
is the period of the external reference (crystal) oscillator.
The VCO AutoCal counter will, on average, expect to register N counts, rounded down (floor) to the nearest
integer, every PD cycle.
N
is the ratio of the target VCO frequency, fvco, to the frequency of the PD, fpd, where N can
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com