Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 10 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 6Page - Analog Devices HMC1197LP7FE Datasheet HTML 7Page - Analog Devices HMC1197LP7FE Datasheet HTML 8Page - Analog Devices HMC1197LP7FE Datasheet HTML 9Page - Analog Devices HMC1197LP7FE Datasheet HTML 10Page - Analog Devices HMC1197LP7FE Datasheet HTML 11Page - Analog Devices HMC1197LP7FE Datasheet HTML 12Page - Analog Devices HMC1197LP7FE Datasheet HTML 13Page - Analog Devices HMC1197LP7FE Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
10
[1] Measured from a 50 Ω source with a 100 Ω external resistor termination. See PLL with Integrated RF VCOs Operating Guide Reference Input
Stage section for more details. Full FOM performance up to maximum 3.3 Vpp input voltage.
[2] 122.88 MHz clock input, PFD = 61.44 MHz, Channel Spacing = 240 KHz.
[3] S21 from Ext_VCO (pin 43, 44) in and LO (pin32, 33) out.
-180
-160
-140
-120
-100
-80
-60
-40
1
10
100
1000
10000
100000
OFFSET (KHz)
-240
-230
-220
-210
-200
10
2
10
3
10
4
10
5
10
6
OFFSET (Hz)
FOM Floor
FOM 1/f Noise
Typ FOM vs Offset
-180
-160
-140
-120
-100
-80
-60
-40
1
10
100
1000
10000
100000
OFFSET (KHz)
Figure 27. reference input Sensitivity,
Sinusoid Wave, 50 Ω [1]
-235
-230
-225
-220
-215
-210
-205
-200
-20
-15
-10
-5
0
5
14 MHz sin
25 MHz sin
50 MHz sin
100 MHz sin
REFERENCE POWER (dBm)
-180
-160
-140
-120
-100
-80
-60
-40
1
10
100
1000
10000
OFFSET (KHz)
-5
0
5
10
15
20
400
800
1200
1600
2000
2400
2800
OUTPUT FREQUENCY (MHz)
S21 EXT-IN LO OUT DIFFERENTIAL OUTPUT
S21 EXT-IN LO OUT SINGLE-ENDED OUTPUT
Figure 28. Figure of Merit for Pll/Vco
Figure 29. Fractional-n Spurious
Performance @ 2646.96 MHz
exact Frequency Mode on [2]
Figure 30. Fractional-n Spurious
Performance @ 2646.96 MHz
exact Frequency Mode oFF [2]
Figure 31. Forward transmission Gain [3]
Figure 32. closed loop Phase noise With
external Vco HMc384lP4e @ 2200 MHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com