Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 54 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 54 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 49Page - Analog Devices HMC1197LP7FE Datasheet HTML 50Page - Analog Devices HMC1197LP7FE Datasheet HTML 51Page - Analog Devices HMC1197LP7FE Datasheet HTML 52Page - Analog Devices HMC1197LP7FE Datasheet HTML 53Page - Analog Devices HMC1197LP7FE Datasheet HTML 54Page - Analog Devices HMC1197LP7FE Datasheet HTML 55Page - Analog Devices HMC1197LP7FE Datasheet HTML 56Page - Analog Devices HMC1197LP7FE Datasheet HTML 57Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
54
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1000
2000
3000
4000
+25C
+85C
-40C
FREQUENCY (MHz)
Figure 47. The HMC1197LP7FE Calibrated Carrier Feedthrough
3.5
Sideband Suppression calibration
Sideband suppression is related to relative gain and relative phase offsets between the I-channel and
Q-channel. The amplitude and phase difference between the I and Q inputs can be adjusted in order to
optimize the sideband suppression for a specific frequency band and LO power level. The amplitude and
phase offsets at the I and Q inputs should be iteratively adjusted until a minimum sideband suppression
level is obtained. The externally available amplitude and phase steps and the modulator’s noise floor limit
the minimum achievable calibrated sideband suppression level. Figure 48 illustrates the typical calibrated
sideband suppression performance of the HMC1197LP7FE. In this characterization of the HMC1197LP7FE,
sideband suppression was calibrated at every 500MHz LO frequency steps at 25C and external amplitude
and phase offset settings were held constant during tests over temperature.
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1000
2000
3000
4000
+25C
+85C
-40C
FREQUENCY (MHz)
Figure 48.The HMC1197LP7FE Calibrated Sideband Suppression
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com