Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 52 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 52 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 48Page - Analog Devices HMC1197LP7FE Datasheet HTML 49Page - Analog Devices HMC1197LP7FE Datasheet HTML 50Page - Analog Devices HMC1197LP7FE Datasheet HTML 51Page - Analog Devices HMC1197LP7FE Datasheet HTML 52Page - Analog Devices HMC1197LP7FE Datasheet HTML 53Page - Analog Devices HMC1197LP7FE Datasheet HTML 54Page - Analog Devices HMC1197LP7FE Datasheet HTML 55Page - Analog Devices HMC1197LP7FE Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
52
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
FREQUENCY (MHz)
Band 0
Band 7
Band 8
Band 15
Low Bands
High Bands
Figure 45. Insertion loss of the low pass filter.
LO harmonic filter’s 16 user programmable bands enable the user to optimally attenuate 2nd and/or 3rd LO
harmonics in order to maximize sideband rejection performance.
table 15. the frequency band selection for optimal 3rd harmonic attenuation.
Frequency
(MHz)
≤500
600
700
800
900/1000
1100
1200
1300
1400
1500
1600
1700
≥1800
Filter Bank
Selection
0
1
4
6
7
8
9
11
12
13
13
14
15
table 16. the frequency band selection for optimal 2nd harmonic attenuation.
Frequency
(MHz)
≤700 800/900 1000 1100 1200/1300/1400 1500/1600/1700 1800 1900 2000 2100 2200/2300 2400/2500/2600 ≥2700
Filter Bank
Selection
0
1
4
5
7
8
9
10
11
12
13
14
15
Uncalibrated sideband rejection can be further improved by empirically selecting the filter bank that
provides the highest rejection for a given frequency . See Table 15, Table 16 and Figure 46
table 17. empirical filter band selection.
Frequency
(MHz)
≤500
600
700
800
900
1000/1100
1200 1300/1400/1500 1600 1700/1800 1900/2000
>2000
Filter Bank
Selection
0
1
5
7
8
0
7
8
9
10
11
15
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com