Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 39 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 39 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 35Page - Analog Devices HMC1197LP7FE Datasheet HTML 36Page - Analog Devices HMC1197LP7FE Datasheet HTML 37Page - Analog Devices HMC1197LP7FE Datasheet HTML 38Page - Analog Devices HMC1197LP7FE Datasheet HTML 39Page - Analog Devices HMC1197LP7FE Datasheet HTML 40Page - Analog Devices HMC1197LP7FE Datasheet HTML 41Page - Analog Devices HMC1197LP7FE Datasheet HTML 42Page - Analog Devices HMC1197LP7FE Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
39
2.6
reg 04h Frequency register - Fractional Part deFault 0h
Bit
Type
Name
Width
Default
Description
[23:0]
R/W
Fractional Setting
24
0
Divider Fractional part (24 bit unsigned) see Fractional
Frequency
Tuning
Fractional Division Value = Reg4[23:0]/2^24
Used in Fractional Mode only
min 0
max 224-1 = FFFFFFh = 16,777,215d
2.7
reg 05h reserved
Bit
Type
Name
Width
Default
Description
[23:0]
R/W
Reserved
24
0
Reserved
2.8
reg 06h delta Sigma Modulator register deFault 30F0ah
BIT
TYPE
NAME
Width
Default
DESCRIPTION
[1:0]
R/W
Reserved
2
2
Reserved, Program to 0h
[3:2]
R/W
DSM Order
2
2
Select the Delta Sigma Modulator Type
0: 1st order
1: 2nd Order
2: 3rd Order - Recommended
3: Reserved
[4]
R/W
Synchronous SPI Mode
1
0
0: Normal SPI Load - all register load on rising edge of SEN
1: Synchronous SPI - registers Reg 03h, Reg 04h , Reg 1Ah wait
to load synchronously on the next internal clock cycle.
Normally (When this bit is 0) SPI writes into the internal state
machines/counters happen asynchronously relative to the internal
clocks. This can create freq/phase disturbances if writing register
3, 4 or 1A. When this bit is enabled, the internal SPI registers are
loaded synchronously with the internal clock. This means that
the data in the SPI shifter should be held constant for at least 2
PFD clock periods after SEN is asserted to allow this retiming to
happen cleanly.
[5]
R/W
Exact Frequency Mode
Enable
1
0
1: Exact Frequency Mode Enabled
0: Exact Frequency Mode Disabled
[6]
R/W
Reserved
1
0
Reserved
[7]
R/W
Fractional Bypass
1
0
0: Use Modulator, Required for Fractional Mode,
1: Bypass Modulator, Required for Integer Mode
Note: When enabled fractional modulator output is ignored, but
fractional modulator continues to be clocked if Reg 06h[11] =1.
This feature can be used to test the isolation of the digital frac-
tional modulator from the VCO output in integer mode.
[8]
R/W
Autoseed EN
1
1
1: loads the modulator seed (start phase) whenever the fractional
register (
Reg 04h) is written
0: when fractional register (Reg 04h) write changes frequency,
modulator starts at previous value (phase)
[10:9]
R/W
Reserved
2
3
Reserved
[11]
R/W
Delta Sigma Modulator
Enable
1
1
0: Disable DSM, used for Integer Mode
1: Enable DSM Core, required for Fractional Mode
[23:12]
R/W
Reserved
12
48d
30h
Reserved
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com