Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 26 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 26 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 22Page - Analog Devices HMC1197LP7FE Datasheet HTML 23Page - Analog Devices HMC1197LP7FE Datasheet HTML 24Page - Analog Devices HMC1197LP7FE Datasheet HTML 25Page - Analog Devices HMC1197LP7FE Datasheet HTML 26Page - Analog Devices HMC1197LP7FE Datasheet HTML 27Page - Analog Devices HMC1197LP7FE Datasheet HTML 28Page - Analog Devices HMC1197LP7FE Datasheet HTML 29Page - Analog Devices HMC1197LP7FE Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
26
These settings in Reg 09h impact the required LD window size in fractional mode of operation. To function,
the required lock detect window size is provided by (EQ 10).
(
)
( )
( )
( )
( )
( )
(
)
9
1
2.66 10
sec
LD Window seconds
in Fractional Mode
2
1
LD Window seconds
in Integer Mode
2
CP Offset
PD
CP
PD
PD
I
A
F
Hz
I
A
F
Hz
F
−
+
×
+
×
=
=
×
where:
FPD: is the comparison frequency of the Phase Detector
ICP Offset : is the Charge Pump Offset Current Reg 09h[20:14]
ICP: is the full scale current setting of the switching charge pump Reg 09h[6:0], or Reg 09h[13:7]
(EQ 10)
If the result provided by (EQ 10) is equal to 10 ns Analog LD can be used (Reg 07h[6] = 0). Otherwise
Digital LD is necessary Reg 07h[6] = 1.
Table 12 provides the required Reg 07h settings to appropriately program the Digital LD window size. From
Table 12, simply select the closest value in the “Digital LD Window Size” columns to the one calculated in
(EQ 10) and program Reg 07h[9:8] and Reg 07h[7:5] accordingly.
table 12. typical digital lock detect Window
LD Timer Speed
Reg07[9:8]
Digital Lock Detect Window Size
Nominal Value (ns)
Fastest 00
6.5
8
11
17
29
53
100
195
01
7
8.9
12.8
21
36
68
130
255
10
7.1
9.2
13.3
22
38
72
138
272
Slowest 11
7.6
10.2
15.4
26
47
88
172
338
LD Timer Divide Setting
Reg07[7:5]
000
001
010
011
100
101
110
111
1.3.5.2 digital Window configuration example
Assuming, fractional mode, with a 50 MHz PD and
•
Charge Pump gain of 2 mA (Reg 09h[13:7] = 64h, Reg 09h[6:0] = 64h),
•
Down Offset (Reg 09h[22:21] = ‘10’b)
•
Offset current magnitude of +400 µA (Reg 09h[20:14] = 50h)
Applying (EQ 11), the required LD window size is:
(
)
( )
( )
( )
( )
( )
3
9
63
6
0.4 10
1
2.66 10
sec
50 10
2 10
50 10
LD Window seconds
13.33 nsec
2
xA
Hz
x
A
Hz
−
−
−


+
×
+

××
×

=
=
(EQ 11)
Locating the Table 12 value that is closest to the (EQ 11) result, in this case 13.3 ≈ 13.33. To set the Digital
LD window size, simply program Reg 07h[9:8] = ‘10’b and Reg 07h[7:5] = ‘010’b according to Table 12.
There is always a good solution for the lock detect window for a given operating point. The user should
understand however that one solution does not fit all operating points. As observed from (EQ 11), If charge
pump offset or PD frequency are changed significantly then the lock detect window may need to be
adjusted.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com