Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 48 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 48 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 44Page - Analog Devices HMC1197LP7FE Datasheet HTML 45Page - Analog Devices HMC1197LP7FE Datasheet HTML 46Page - Analog Devices HMC1197LP7FE Datasheet HTML 47Page - Analog Devices HMC1197LP7FE Datasheet HTML 48Page - Analog Devices HMC1197LP7FE Datasheet HTML 49Page - Analog Devices HMC1197LP7FE Datasheet HTML 50Page - Analog Devices HMC1197LP7FE Datasheet HTML 51Page - Analog Devices HMC1197LP7FE Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
48
2.23
reg 17h Modes register default 1ab h
BIT
TYPE
NAME
Width
Default
DESCRIPTION
[0]
R/W
VCO SubSys Master Enable
1
1
Master enable for the entire VCO Subsystem
1 - Enable
0 - Disable
Chip Enable is also required to set as enable mode.
[1]
R/W
VCO Enable
1
1
[2]
R/W
External VCO Buffer Enable
1
0
External VCO Buffer to output stage enable. Only used when locking
an external VCO.
[3]
R/W
PLL Buffer Enable
1
1
PLL Buffer Enable. Used when using an internal VCO.
[4]
R/W
LO1 Output Buffer Enable
1
0
Enables LO1 (LO_P & LO_N pins) output buffer.
[5]
R/W
LO2 Output Buffer Enable
1
1
Enables the LO2 (LO2_N & LO2_P pins) output buffer
[6]
R/W
External Input Enable
1
0
Enables External VCO input
[7]
R/W
Pre Lock Mute Enable
1
1
Mute both output buffers until the PLL is locked
[8]
R/W
LO1 Output Single-Ended
Enable
1
1
Enables Single-Ended output mode for LO output
1- Single-ended mode, LO_N pin is enabled, and LO_P pin is
disabled
0- Differential mode, both LO_N and LO_P pins enabled
Please note that single-ended output is only available on LO_N pin.
[9]
R/W
LO2 Output Single-Ended
Enable
1
0
Enables Single-Ended output mode for LO2 output
1- Single-ended mode, LO2_N pin is enabled, and LO2_P pin is
disabled
0- Differential mode, both LO2_N and LO2_P pins enabled
Please note that single-ended output is only available on LO2_N pin.
[10]
R/W
Reserved
1
0
Reserved
[11]
R/W
Charge Pump Output Select
1
0
Connects CP to CP1 or CP2 output.
0: CP1
1: CP2
[23:12]
R/W
Reserved
12
0
Reserved
2.24
reg 18h bias register default 54c1 h
BIT
TYPE
NAME
Width
Default
DESCRIPTION
[18:0]
R/W
Reserved
19
21697d
54C1h
Reserved
[19]
R/W
External Input buffer BIAS
bit0
1
0
External Input buffer BIAS bit0
[20]
R/W
External Input buffer BIAS
bit1
1
0
External Input buffer BIAS bit1
[23:21]
R/W
Reserved
3
0
Reserved
2.25
reg 19h cals register default aaa h
BIT
TYPE
NAME
Width
Default
DESCRIPTION
[23:0]
R/W
Reserved
2
2730d
AAAh
Reserved. Program to AB2h.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com