Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 42 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 42 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 38Page - Analog Devices HMC1197LP7FE Datasheet HTML 39Page - Analog Devices HMC1197LP7FE Datasheet HTML 40Page - Analog Devices HMC1197LP7FE Datasheet HTML 41Page - Analog Devices HMC1197LP7FE Datasheet HTML 42Page - Analog Devices HMC1197LP7FE Datasheet HTML 43Page - Analog Devices HMC1197LP7FE Datasheet HTML 44Page - Analog Devices HMC1197LP7FE Datasheet HTML 45Page - Analog Devices HMC1197LP7FE Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
42
2.12
reg 0ah Vco autocal configuration register deFault 2046 h
Bit
Type
Name
Width
Default
Description
[2:0]
R/W
Vtune Resolution
3
6d
Used by internlan AutoCal state machine
R Divider Cycles
0 - 1
1 - 2
2 - 4
3 - 8
4 - 32
5 - 64
6 - 128
7 - 256
div cycles for frequency measurement. Measurement
should last > 4 µsec.
Note: 1 does not work if R divider = 1.
[10:3]
R/W
Reserved
8
16d
Reserved
[11]
R/W
AutoCal Disable
1
0
0 = AutoCal Enabled
1 = AutoCal disabled
[12]
R/W
Reserved
1
0
Reserved
[14:13]
R/W
FSM/VSPI Clock Select
2
1
Set the AutoCal FSM and VSPI Clock (50 MHz maximum)
0: Input Crystal Reference
1: Input Crystal Reference/4
2: Input Crystal Reference/16
3: Input Crystal Reference/32
[16:15]
R/W
Reserved
2
0
Reserved
[17]
R/W
Auto relock - one Try
1
0
0: Does not attempt to relock if lock is lost
1: Attempts to relock if Lock Detect fails for any reason.
Only tries once.
[23:18]
R/W
Reserved
5
0
Reserved
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com